Electronic Components Datasheet Search
  English  ▼

X  

SSM3302 Datasheet(PDF) 19 Page - Analog Devices

Part # SSM3302
Description  2 횞10 W Filterless Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3302 Datasheet(HTML) 19 Page - Analog Devices

Back Button SSM3302_13 Datasheet HTML 12Page - Analog Devices SSM3302_13 Datasheet HTML 13Page - Analog Devices SSM3302_13 Datasheet HTML 14Page - Analog Devices SSM3302_13 Datasheet HTML 15Page - Analog Devices SSM3302_13 Datasheet HTML 16Page - Analog Devices SSM3302_13 Datasheet HTML 17Page - Analog Devices SSM3302_13 Datasheet HTML 18Page - Analog Devices SSM3302_13 Datasheet HTML 19Page - Analog Devices SSM3302_13 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
SSM3302
Rev. A | Page 19 of 20
OUTLINE DIMENSIONS
Figure 40. 40-Lead Lead Free Chip Scale Package [LFCSP_WQ]
6 mm × 6 mm Body, Very Very Thin Quad
(CP-40-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
SSM3302ACPZ
−40°C to +85°C
40-Lead Lead Free Chip Scale Package [LFCSP_WQ]
CP-40-10
SSM3302ACPZ-RL
−40°C to +85°C
40-Lead Lead Free Chip Scale Package [LFCSP_WQ]
CP-40-10
SSM3302ACPZ-R7
−40°C to +85°C
40-Lead Lead Free Chip Scale Package [LFCSP_WQ]
CP-40-10
EVAL-SSM3302Z
Evaluation Board
1 Z = RoHS Compliant Part.
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
EXPOSED
PAD
PIN 1
INDICATOR
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.23
0.18
6.10
6.00 SQ
5.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.45
0.40
0.35
0.25 MIN
4.45
4.30 SQ
4.25
COMPLIANT TO JEDEC STANDARDS MO-220-WJJD.
40
1
11
20
21
30
31
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com