Electronic Components Datasheet Search
  English  ▼

X  

RC2200 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RC2200
Description  ZigBee Ready RF Transceiver Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC2200 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RC2200 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 3Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
RC220x
©2005 Radiocrafts AS
RC220x Data Sheet (rev. 1.0)
Page 4 of 17
Pin Assignment
1
10
11
30
33
31
53
34
Pin Description
Pin no Pin name
Description and internal MCU connection
1
GND
System ground
2
VCC
Supply voltage input
3
PG0
Digital I/O, PG0
4
GND
System ground
5
CTS1
Digital I/O, PD7 / CTS1
6
RTS1
Digital I/O, PD5 / RTS1
7
PG2
Digital I/O, PG2
8
TXD1
Digital I/O, PD3 / TXD1 / INT3
9
RXD1
Digital I/O, PD2 / RXD1 / INT2
10
GND
System ground
11
GND
System ground
12
ADC7
Digital or analogue I/O, PF7, JTAG TDI
13
ADC6
Digital or analogue I/O, PF6, JTAG TDO
14
ADC5
Digital or analogue I/O, PF5, JTAG TMS
15
ADC4
Digital or analogue I/O, PF4, JTAG TCK
16
ADC3
Digital or analogue I/O, PF3
17
ADC2
Digital or analogue I/O, PF2
18
ADC1
Digital or analogue I/O, PF1
19
ADC0
Digital or analogue I/O, PF0
20
AREF
Analogue reference voltage pin for the internal A/D Converter.
Internally decoupled with 22nF.
21
PE0
Digital I/O, PE0, ISP PDI for RC2200 and RC2204
22
PE1
Digital I/O, PE1, ISP PDO for RC2200 and RC2204
23
PE2
Digital I/O, PE2
24
PE3
Digital I/O, PE3
25
PE4
Digital I/O, PE4 / INT4
26
PE5
Digital I/O, PE5 / INT5
27
PE6
Digital I/O, PE6 / INT6
28
PE7
Digital I/O, PE7 / INT7
29
1.8V
Internally regulated voltage. Normally not connect. May be used for
AREF
30
GND
System ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com