Electronic Components Datasheet Search
  English  ▼

X  

RC2200 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RC2200
Description  ZigBee Ready RF Transceiver Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC2200 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RC2200 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 3Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
RC220x
©2005 Radiocrafts AS
RC220x Data Sheet (rev. 1.0)
Page 5 of 17
31
GND
System ground
32
RF
RF I/O connection to antenna, 50 Ohm. Do not connect for integrated
antenna or connector variant.
33
GND
System ground
34
GND
System ground
35
Reserved
Do not connect, PB0
36
SCLK
SPI interface must be shared with MAC, PB1, ISP SCK
37
SI
SPI interface must be shared with MAC, PB2, PDI for RC2202
38
SO
SPI interface must be shared with MAC, PB3, PDO for RC2202
39
PB4
Digital I/O, PB4
40
Reserved
Do not connect, PB5
41
Reserved
Do not connect, PB6
42
PB7
Digital I/O, PB7
43
TOSC2
Internal 32.768 kHz oscillator
44
RESET
Internal MCU reset. Active low with internal pull-up.
45
Reserved
Do not connect, PD0 / INT0
46
Reserved
Do not connect, PD1 / INT1
47
RXD1
Same as pin 9
48
TXD1
Same as pin 8
49
Reserved
Do not connect, PD4
50
RTS1
Same as pin 6
51
Reserved
Do not connect, PD6
52
CTS1
Same as pin 5
53
GND
System ground
Note 1: UART interface: Pin 8 TXD1, pin 9 RXD1, pin 5 CTS1, pin 6 RTS1
Note 2: SPI interface: Pin 36 SCLK, pin 37 SI, pin 38 SO (chip select at any digital I/O) must be shared with internal
MAC software
Note 3: ISP (In-System Programming) interface: Pin 36 SCK, pin 21 PDI, pin 22 PDO, pin 44 RESET for RC2200 and
RC2204. Pin 36 SCK, pin 37 PDI, pin 38 PDO, pin 44 RESET for RC2202. See page 8 for more information.
Note 4: JTAG interface: Pin 12 TDI, pin 13 TDO, pin 14 TMS, pin 15 TCK, pin 44 RESET. See page 8 for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com