Electronic Components Datasheet Search
  English  ▼

X  

RC2200 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RC2200
Description  ZigBee Ready RF Transceiver Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC2200 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RC2200 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 3Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC2200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RC220x
©2005 Radiocrafts AS
RC220x Data Sheet (rev. 1.0)
Page 1 of 17
ZigBee™- Ready RF Transceiver Modules
Product Description
The RC2200/2202/2204 RF Transceiver Modules are a series of compact surface-mounted
modules specially designed for the ZigBee™ protocol stack for wireless star and mesh
networks based on IEEE 802.15.4 compliant PHY and MAC layers providing 16 channels in
the 2.45 GHz world-wide license-free ISM band. The complete shielded module is only 16.5 x
29.2 x 3.5 mm, optionally available with integrated antenna or RF connector. Up to 128 kB
flash memory, 32 digital and analogue I/Os including an 8 channel 10 bit ADC, UART and SPI
interfaces. The powerful internal resources make it possible to embed the complete
application in this tiny module.
Applications
•
Home control and industrial automation
•
Building automation
•
OEM equipment
•
Fleet and inventory management
Features
•
ZigBee-ready / IEEE 802.15.4 compliant PHY and MAC
•
Memory space for Full Function Device (FFD)
•
16.5 x 29.2 x 3.5 mm compact shielded module for SMD mounting
•
Up to 128 kB Flash memory, 4 kB SRAM, 4 kB EEPROM
•
32 digital and analogue I/Os, 8 channel 10 bit ADC
•
UART, SPI and JTAG interfaces
•
On-board 32.768 kHz real time clock (RTC)
•
High performance direct sequence spread spectrum (DSSS) RF transceiver
•
16 channels in the 2.45 GHz ISM band
•
Integrated antenna or MMCX RF connector options
•
2.7 – 3.6 V supply voltage
•
MCU and on-board RTC support ultra low power modes
•
Conforms with EN 300 440 (Europe), FCC CFR 47 part 15 (US), ARIB STD-T66 (Japan)
Quick Reference Data
Parameter
RC2200
RC2202
RC2204
Unit
Frequency band
2.400-2.4835
GHz
Number of channels
16
Data rate
250
kbit/s
Max output power
0
dBm
2nd harmonic
-37
dBm
3rd harmonic
-51
dBm
Sensitivity (PER 1%)
-94
dBm
Adjacent Channel Rejection
39
dB
Alternate Channel Rejection
55
dB
Supply voltage
2.7 – 3.6
Volt
Current consumption, RX
30
26
30
mA
Current consumption, TX
27
23
27
mA
Current consumption, PD
1.3
uA
Flash memory
128
32
64
kB
RAM
4
2
4
kB
EEPROM
4
1
2
kB
Operating Temperature
-30 to +85
°C
PRELIMINARY INFORMATION. Specifications and information herein are subject to change without notice.


Similar Part No. - RC2200

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
RC220-2 MOBILEMARK-RC220-2 Datasheet
197Kb / 1P
WIDE BAND COUPLER/STACKER
Rev 2 RA 052023
logo
List of Unclassifed Man...
RC2203 ETC2-RC2203 Datasheet
402Kb / 1P
Nylon-Insulated Fork Terminals
RC2204 ETC2-RC2204 Datasheet
402Kb / 1P
Nylon-Insulated Fork Terminals
logo
Raytheon Company
RC2207 RAYTHEON-RC2207 Datasheet
74Kb / 12P
Voltage Controlled Oscillator
RC2207M RAYTHEON-RC2207M Datasheet
74Kb / 12P
Voltage Controlled Oscillator
More results

Similar Description - RC2200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2420 TI-CC2420 Datasheet
1Mb / 92P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
List of Unclassifed Man...
HPZB01 ETC2-HPZB01 Datasheet
1Mb / 14P
ZigBee RF Transceiver Module
logo
HOPE Microelectronics C...
HPZB01 HOPE-HPZB01 Datasheet
1Mb / 14P
ZigBee RF Transceiver Module
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com