Electronic Components Datasheet Search
  English  ▼

X  

T50RIA40 Datasheet(PDF) 2 Page - International Rectifier

Part # T50RIA40
Description  MEDIUM POWER PHASE CONTROL THYRISTORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

T50RIA40 Datasheet(HTML) 2 Page - International Rectifier

  T50RIA40 Datasheet HTML 1Page - International Rectifier T50RIA40 Datasheet HTML 2Page - International Rectifier T50RIA40 Datasheet HTML 3Page - International Rectifier T50RIA40 Datasheet HTML 4Page - International Rectifier T50RIA40 Datasheet HTML 5Page - International Rectifier T50RIA40 Datasheet HTML 6Page - International Rectifier T50RIA40 Datasheet HTML 7Page - International Rectifier T50RIA40 Datasheet HTML 8Page - International Rectifier T50RIA40 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
T..RIA Series
2
Bulletin I27105 rev. B 02/02
www.irf.com
I
T(AV)
Max. average on-state current
50
70
90
A
180° conduction, half sine wave
@ Case temperature
70
70
70
°C
I
T(RMS) Max. RMS on-state current
80
110
141
A
I
TSM
Maximum peak, one-cycle
1310
1660
1780
A
t = 10ms No voltage
on-state, non-repetitive
1370
1740
1870
t = 8.3ms reapplied
surge current
1100
1400
1500
t = 10ms 100% V
RRM
1150
1460
1570
t = 8.3ms reapplied
Sine half wave,
I2t
Maximum I2t for fusing
8550
13860
15900
A2s
t = 10ms No voltage
Initial T
J = TJ max.
7800
12650
14500
t = 8.3ms reapplied
6050
9800
11250
t = 10ms 100% V
RRM
5520
8950
10270
t = 8.3ms reapplied
I2
√t
Maximum I2
√t for fusing
85500
138500
159100
A2
√s t = 0.1 to 10ms, no voltage reapplied
V
T(TO)1 Low level value of threshold
0.97
0.77
0.78
V
(16.7% x
π x I
T(AV) < I < π x IT(AV)), @ TJ max.
voltage
V
T(TO)2 High level value of threshold
1.13
0.88
0.88
(I >
π x I
T(AV)), @ TJ max.
voltage
rt1
Low level value on-state
4.1
3.6
2.9
m
Ω
(16.7% x
π x I
T(AV) < I < π x IT(AV)), @ TJ max.
slope resistance
rt2
High level value on-state
3.3
3.2
2.6
(I >
π x I
T(AV)), @ TJ max.
slope resistance
V
TM
Maximum on-state voltage drop
1.60
1.55
1.55
V
I
TM = π x IT(AV), TJ = 25°C., tp = 400µs square
Av. power = V
T(TO) x IT(AV) + r
f x (IT(RMS))
2
I
H
Maximum holding current
200
mA
Anode supply = 6V initial I
T = 30A, TJ = 25°C
I
L
Maximum latching current
400
mA
Anode supply = 6V resistive load = 10
Ω
gate pulse: 10V, 100µs, T
J = 25°C
tgd
Typical turn-on time
0.9
µs
T
J = 25
o
C Vd = 50% VDRM, I
TM = 50 A
I
g = 500mA, tr <= 0.5, tp >= 6µs
trr
Typical reverse recovery time
3.0
µs
T
J =125°C, ITM = 50A tp = 300µs di/dt =10A/µs
tq
Typical turn-off time
110
µs
T
J = TJ max., ITM = 50A, tp = 300µs,
-di/dt = 15A/µs, Vr = 100V; linear to 80%VDRM
Parameter
T50RIA
T70RIA
T90RIA
Units Conditions
On-state Conduction
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Type number
Voltage VDRM/VRRM, maximum repetitive VRSM, maximum non-repetitive
IDRM/IRRM max.
Code
peak reverse voltage
peak reverse voltage
@ 25°C
VV
µA
10
100
150
20
200
300
T50RIA
40
400
500
T70RIA
60
600
700
100
T90RIA
80
800
900
100
1000
1100
120
1200
1300
Switching
Parameter
T50RIA
T70RIA
T90RIA
Units Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com