Electronic Components Datasheet Search
  English  ▼

X  

T50RIA40 Datasheet(PDF) 6 Page - International Rectifier

Part # T50RIA40
Description  MEDIUM POWER PHASE CONTROL THYRISTORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

T50RIA40 Datasheet(HTML) 6 Page - International Rectifier

Back Button T50RIA40 Datasheet HTML 2Page - International Rectifier T50RIA40 Datasheet HTML 3Page - International Rectifier T50RIA40 Datasheet HTML 4Page - International Rectifier T50RIA40 Datasheet HTML 5Page - International Rectifier T50RIA40 Datasheet HTML 6Page - International Rectifier T50RIA40 Datasheet HTML 7Page - International Rectifier T50RIA40 Datasheet HTML 8Page - International Rectifier T50RIA40 Datasheet HTML 9Page - International Rectifier T50RIA40 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
T..RIA Series
6
Bulletin I27105 rev. B 02/02
www.irf.com
Fig. 9 - Gate Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
500
600
700
800
900
1000
1100
1200
110
100
Number Of E qual Amplitude H alf Cycle Current P uls es (N)
T50R I A.. S eries
Initial T
= 125 C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
At Any R ated L oad Condition And W ith
R ated V
Applied F ollowing S urge.
RRM
J
500
600
700
800
900
1000
1100
1200
1300
0.01
0.1
1
Puls e T rain Duration (s )
Maximum Non R epetitive S urge Current
Vers us P uls e T rain Duration. Control
Of Conduction May Not B e Maintained.
Initial T = 125 C
No Voltage R eapplied
R ated V
R eapplied
RR M
J
T 50R IA.. S eries
Fig. 10 - On-state Voltage Drop Characteristics
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 25 C
J
Ins tantaneous On-s tate Voltage (V)
T 50R IA.. S eries
T = 125 C
J
0.1
1
10
100
0.00 1
0.0 1
0.1
1
10
100
1000
VGD
IGD
(b)
(a)
(1) (2)
Ins tantaneous Gate Current (A)
a) R ecommended load line for
b) R ecommended load line for
R ectangular gate puls e
(1) P GM = 10W, tp = 5 ms
(2) P GM = 20W, tp = 2 ms
(3) P GM = 50W, tp = 1 ms
(4) P GM = 100W, tp = 500 s
<=30% rated di/dt : 20V, 65ohms
tr=1 s , tp>=6 s
T 50 R IA.. S eries
F requency L imited by P G(AV)
r ated di/dt : 20V, 30ohms ;
tr=0.5 s , tp>=6 s
(3) (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com