Electronic Components Datasheet Search
  English  ▼

X  

T50RIA40 Datasheet(PDF) 7 Page - International Rectifier

Part # T50RIA40
Description  MEDIUM POWER PHASE CONTROL THYRISTORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

T50RIA40 Datasheet(HTML) 7 Page - International Rectifier

Back Button T50RIA40 Datasheet HTML 3Page - International Rectifier T50RIA40 Datasheet HTML 4Page - International Rectifier T50RIA40 Datasheet HTML 5Page - International Rectifier T50RIA40 Datasheet HTML 6Page - International Rectifier T50RIA40 Datasheet HTML 7Page - International Rectifier T50RIA40 Datasheet HTML 8Page - International Rectifier T50RIA40 Datasheet HTML 9Page - International Rectifier T50RIA40 Datasheet HTML 10Page - International Rectifier T50RIA40 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
T..RIA Series
7
Bulletin I27105 rev. B 02/02
www.irf.com
Fig. 15 - On-state Power Loss Characteristics
Fig. 12 - Current Ratings Characteristics
Fig. 13 - Current Ratings Characteristics
50
60
70
80
90
100
110
120
130
0
2040
6080
100
120
DC
30
60
90
120
180
Average On-s tate Current (A)
Conduction P eriod
T 70R IA.. S eries
R
(DC) = 0.50 K /W
thJC
0
2040
6080
100
12 0
Maximum Allowable Ambient T emperature ( C)
0.7
K /W
0.5
K/W
1 K
/W
1.5
K /W
2 K /W
3 K /W
5 K /W
7 K /W
0
10
20
30
40
50
60
70
80
90
100
0
10203040506070
RMS L imit
Conduction Angle
180
120
90
60
30
Average On-s tate Current (A)
T 70R IA.. S eries
T = 125 C
J
020
40
60
80
100
120
Max imum Allowable Ambient T emperature ( C)
5 K /W
3 K/W
2 K /W
1.5 K
/W
1 K
/W
0.7
K /W
0.5
K/W
0.3
K /W
0
20
40
60
80
100
120
140
0
20
406080
100
120
DC
180
120
90
60
30
RMS L imit
Conduction P eriod
Average On-s tate Current (A)
T 70R IA.. S eries
T
= 125 C
J
Fig. 18 - On-state Power Loss Characteristics
50
60
70
80
90
100
110
120
130
0
10
203040
50
60
7080
30
60
90
120
180
Average On-s tate Current (A)
Conduction Angle
T 70R IA.. S eries
R
(DC) = 0.50 K /W
thJC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com