Electronic Components Datasheet Search
  English  ▼

X  

PSI-DATA Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # PSI-DATA
Description  Industrial analog modem
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-DATA Datasheet(HTML) 6 Page - PHOENIX CONTACT

  PSI-DATA Datasheet HTML 1Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 2Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 3Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 4Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 5Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 6Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PSI-DATA/FAX-MODEM/RS232
100500_en_01
PHOENIX CONTACT
6
4Features
–
For universal use
–
Password-protected access/
call-back function/selective call acceptance
–
Configurable input and output
–
Alarm sent directly by SMS or fax via the
integrated switching input (or via AT commands)
–
Sends, receives, and evaluates SMS messages
–
Wide supply voltage range of
10 V DC ... 60 V DC or 14 V AC ... 40 V AC
–
Power-saving sleep mode
–
High-quality three-way isolation
(VCC // V.24 (RS-232) // PTSN)
–
Integrated surge protection
–
Easy startup using plug and play and user-friendly
configuration software
–
3964R-compatible
5
Application
The PSI-DATA/FAX-MODEM/RS232 modem can be used
universally and internationally for all popular modem
applications in the following operating modes:
–
Dial-up modem
–Fax modem
–
Permanent line modem
–
For remote monitoring of systems and machines
–
For remote control
–
For system diagnostics
–
For production data acquisition
–
For automatic alarm generation
This device is approved for operation in the following public
telephone networks:
–Belgium
–Denmark
–Germany
–France
–
Finland
–
Greece
–Great Britain
–Italy
–Ireland
–
Canada
–
Luxembourg
–
The Netherlands
–Norway
–Austria
–
Portugal
–Sweden
–Switzerland
–Spain
–USA
Approvals for other countries are available on request.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com