Electronic Components Datasheet Search
  English  ▼

X  

PSI-DATA Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PSI-DATA
Description  Industrial analog modem
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-DATA Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PSI-DATA Datasheet HTML 1Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 2Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 3Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 4Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 5Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 6Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© PHOENIX CONTACT - 10/2008
100500_en_01
INTERFACE
PSI-DATA/FAX-MODEM/RS232
Data sheet
1Description
The DIN rail-mountable PSI-DATA/FAX-MODEM/RS232 is
specifically designed to meet industrial requirements for
remote maintenance. It provides global access to machines
and systems via permanent and dial-up line connections
according to the V.34 standard.
A wide range of security functions, such as adjustable
selective call acceptance, connection establishment with
password protection, and call-back function, protect the
system against unauthorized access. One particularly
useful feature for remote system monitoring is the
configurable warning or alarm input. If this input is activated,
the modem calls a user-defined number and sends a stored
text message by fax or SMS. To ensure interference-free
operation even in harsh EMC conditions, the device has
high-quality 3-way isolation and integrated surge protection.
The modem also features an integrated automatic "Sleep"
function to increase battery life and an extremely wide
supply voltage range of 10 V to 60 V, making it suitable for
universal use. Modem startup is very easy using plug and
play and user-friendly configuration software.
The modem is approved for use in public telephone
networks in Europe, the USA, and Canada. Additional
approvals can be provided on request.
ATTENTION:
The PSI-DATA/FAX-MODEM/RS232 is designed exclusively for SELV operation according to
IEC 60950/EN 60950/VDE 0805.
The modem must only be connected to devices, which meet the requirements of EN 60950 ("Safety of
Information Technology Devices").
If you have any technical problems, which you cannot resolve with the aid of this documentation, please contact
us during the usual office hours at:
Phone: +49 - 52 35 - 31 98 90
Fax: +49 - 52 35 - 33 09 99
E-mail: interface-service@phoenixcontact.com
Make sure you always use the latest documentation.
It can be downloaded at www.phoenixcontact.com.
This data sheet is valid for all products listed on the following page:
Industrial analog modem


Similar Part No. - PSI-DATA

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
Rev A
PSI-D-4V-PRIME ASC-PSI-D-4V-PRIME Datasheet
63Kb / 4P
Industrial Temperature Grade with Voltage Reference
082302
PSI-D-4VPRIME-ND ASC-PSI-D-4VPRIME-ND Datasheet
256Kb / 6P
Industrial Temperature Grade
Rev C
PSI-D-CGRADE ASC-PSI-D-CGRADE Datasheet
174Kb / 4P
C-Grade Pressure Sensors
Rev B
PSI-D-HGRADE ASC-PSI-D-HGRADE Datasheet
138Kb / 4P
H-Grade Pressure Sensors
Rev B
More results

Similar Description - PSI-DATA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
Facsimile/Data Modem Analog Front End (AFE)
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
Advanced modem/audio analog front-end
1998 May 08
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
Advanced modem/audio analog front-end
1998 Jul 22
UCB1300 PHILIPS-UCB1300 Datasheet
1,022Kb / 56P
Advanced modem/audio analog front-end
1999 Jul 20
logo
PCA ELECTRONICS INC.
EPB5170 PCA-EPB5170 Datasheet
45Kb / 1P
Analog Modem Transformer
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
Modem Analog Front End
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
Modem Analog Front End
logo
Maxim Integrated Produc...
MAX2982 MAXIM-MAX2982 Datasheet
1Mb / 3P
Industrial Broadband Powerline Modem
Rev 0; 9/11
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
Modem Analog Front End
March 2010
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
Modem Analog Front End
March 2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com