Electronic Components Datasheet Search
  English  ▼

X  

PSI-DATA Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PSI-DATA
Description  Industrial analog modem
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-DATA Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PSI-DATA Datasheet HTML 1Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 2Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 3Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 4Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 5Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 6Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PSI-DATA/FAX-MODEM/RS232
100500_en_01
PHOENIX CONTACT
2
2Ordering data
V.34 modem:
Description
Type
Order No.
Pcs./Pkt.
Industrial analog modem, DIN rail-mountable, dial-up and permanent line
operation in Europe, USA, Canada, V.24 (RS-232) interface, 3-way isolation,
alarm I/O, 24 V AC/DC supply voltage
Scope of supply: Modem, CD with configuration software and user manual,
and RJ12 cable
PSI-DATA/FAX-MODEM/RS232
2708203
1
General accessories
Description
Type
Order No.
Pcs./Pkt.
DIN rail bus connector (3 required)
ME 17,5 TBUS 1,5/ 5-ST-3,81 GN
2709561
1
System power supply unit
Primary-switched
Input voltage range
Nominal output voltage
Nominal output current
45 Hz ... 65 Hz
85 V AC ... 264 V AC
24 V DC ±1%
1.5 A
MINI-SYS-PS-100-240AC/24DC/1.5
2866983
1
Surge protection for analog telecommunications interfaces, DIN rail-
mountable
MT-2FM-RJ12
2838937
1
PSI-MODEM-SPLITTER, switching module to access two control systems
via one modem
PSI-MODEM-SPLITTER
2708766
1
Cables/conductors
Description
Type
Order No.
Pcs./Pkt.
Connecting cable, 9-pos. D-SUB to USB, with 9-pos. D-SUB to 25-pos.
D-SUB adapter
CM-KBL-RS232/USB
2881078
1
Short V.24 (RS-232) flat-ribbon connecting cable between modem and
PSI-MODEM-SPLITTER
PSI-CA-MODEM-SPLITTER
2311425
1
V.24 (RS-232) cable, 0.5 m, 9-pos. D-SUB female connector to 9-pos.
D-SUB female connector
PSM-KA9SUB9/BB/0,5METER
2708520
1
V.24 (RS-232) cable, 2 m, 9-pos. D-SUB female connector to 9-pos. D-SUB
female connector
PSM-KA9SUB9/BB/2METER
2799474
1
Adapters
Description
Type
Order No.
Pcs./Pkt.
PSM-AD-D9-NULLMODEM, RS-232 (V.24) null modem connector,
9-pos. D-SUB female connector to 9-pos. D-SUB male connector
PSM-AD-D9-NULLMODEM
2708753
1
Adapter cable for connecting the IB IL RS232 and IB IL RS232-PRO Inline
communication terminals
PSM-KAD-IL RS232/9SUB/B/0,8M
2319200
1
MPI adapter for coupling to the programming interface of a
SIMATIC
®
S7-300/400 controller
PSI-MPI/RS232-PC
2313148
1
Documentation
Description
Type
Order No.
Pcs./Pkt.
User manual for the industrial analog modem
PSI-DATA/FAX-MODEM/RS232 UM E
2699354
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com