Electronic Components Datasheet Search
  English  ▼

X  

TPS3430 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3430
Description  Window Watchdog Timer with Programmable Reset Delay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3430 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3430 Datasheet HTML 1Page - Texas Instruments TPS3430 Datasheet HTML 2Page - Texas Instruments TPS3430 Datasheet HTML 3Page - Texas Instruments TPS3430 Datasheet HTML 4Page - Texas Instruments TPS3430 Datasheet HTML 5Page - Texas Instruments TPS3430 Datasheet HTML 6Page - Texas Instruments TPS3430 Datasheet HTML 7Page - Texas Instruments TPS3430 Datasheet HTML 8Page - Texas Instruments TPS3430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
VDD1
10
VDD2
2
CWD
9
NC
3
SET0
8
WDO
4
CRST
7
WDI
5
GND
6
SET1
Not to scale
Thermal
Pad
3
TPS3430
www.ti.com
SBVS366 – JULY 2018
Product Folder Links: TPS3430
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRC Package
3-mm × 3-mm VSON-10
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VDD1
1
I
Supply voltage pin. For noisy systems, connecting a 0.1-µF bypass capacitor is recommended.
CWD
2
I
Programmable watchdog timeout input. Watchdog timeout is set by connecting a capacitor between this pin and ground.
Furthermore, this pin can also be connected by a 10-kΩ resistor to VDD, or leaving unconnected (NC) further enables the
selection of the preset watchdog timeouts; see the Timing Requirements table.
When using a capacitor, the TPS3430 determines the window watchdog upper boundary with Equation 4. The lower
watchdog boundary is set by the SET pins, see Table 6 and the CWD Functionality section for additional information.
SET0
3
I
Logic input. SET0, SET1, and CWD select the watchdog window ratios, timeouts, and disable the watchdog; see the Timing
Requirements table.
CRST
4
I
Programmable watchdog reset delay pin. Connect a capacitor between this pin and GND to program the watchdog reset
delay period. This pin can also be connected by a 10-kΩ pull-up resistor to VDD, or left unconnected (NC) for various factory
programmed watchdog reset delay options; see the CRST Delay section.
When using an external capacitor, use Equation 1 to determine the watchdog reset delay.
GND
5
—
Ground pin
SET1
6
I
Logic input. SET0, SET1, and CWD select the watchdog window ratios, timeouts, and disable the watchdog; see the Timing
Requirements table.
WDI
7
I
Watchdog input. A falling transition (edge) must occur at this pin within the watchdog timeout between the lower (tWDL(max))
and upper (tWDU(min)) window boundaries in order for WDO to not assert. During power up, all pulses to WDI are ignored
before tRST expires and the watchdog is disabled.
When the watchdog is not in use, the SET pins can be used to disable the watchdog. The input at WDI is ignored when WDO
is low (asserted) and also when the watchdog is disabled. If the watchdog is disabled, then WDI cannot be left unconnected
and must be driven to either VDD or GND.
WDO
8
O
Watchdog open-drain active-low output. Connect WDO with a 1-kΩ to 100-kΩ resistor to VDD or another power supply. WDO
goes low (asserts) when a watchdog timeout occurs. When a watchdog timeout occurs, WDO goes low (asserts) for the set
WDO reset delay (tRST). When the watchdog is disabled, WDO remains logic high regardless of WDI.
NC
9
NC
This pin is no-connect and should be left floating.
VDD2
10
I
Connect this pin to VDD1. The device will not function properly if VDD1 and VDD2 are not externally connected.
Thermal pad
—
Connect the thermal pad to a large-area ground plane. The thermal pad is internally connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com