Electronic Components Datasheet Search
  English  ▼

X  

TPS3430 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3430
Description  Window Watchdog Timer with Programmable Reset Delay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3430 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3430 Datasheet HTML 1Page - Texas Instruments TPS3430 Datasheet HTML 2Page - Texas Instruments TPS3430 Datasheet HTML 3Page - Texas Instruments TPS3430 Datasheet HTML 4Page - Texas Instruments TPS3430 Datasheet HTML 5Page - Texas Instruments TPS3430 Datasheet HTML 6Page - Texas Instruments TPS3430 Datasheet HTML 7Page - Texas Instruments TPS3430 Datasheet HTML 8Page - Texas Instruments TPS3430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
TPS3
Lower Boundary (tWDL)
Upper Boundary (tWDL)
NC
VDD1
GND
TPS3430
VDD2
3.3V
Microcontroller
SET1
VCORE
CRST
GND
WDO
NMI
CWD
SET0
WDI
GPIO
NC
NC
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS3430
SBVS366 – JULY 2018
TPS3430
Window Watchdog Timer with Programmable Reset Delay
1
1 Features
1
•
Factory-Programmed Precision Watchdog Timers:
–
±15% Accurate Watchdog Timeout and
Watchdog Reset Delays Over Temperature
–
±2.5% Accurate Watchdog Timeout and
Watchdog Reset Delays Typical at 25°C
•
Watchdog Disable Feature
•
User-Programmable Watchdog Timeout
•
User-Programmable Watchdog Reset Delay
•
Input Voltage Range: VDD = 1.6 V to 6.5 V
•
Low Supply Current: IDD = 10 µA (typical)
•
Open-Drain Output
•
Small 3-mm × 3-mm, 10-Pin VSON Package
•
Junction Operating Temperature Range:
–40°C to +125°C
2 Applications
•
Video Surveillance
•
Sensor Transmitters
•
HVAC (Thermostats)
•
Fire Safety (Heat and Smoke Detectors)
•
Medical (Personal Care and Fitness)
•
FPGA and ASIC Applications
•
Microcontroller and DSP Applications
3 Description
The TPS3430 is a standalone window watchdog timer
with
programmable
watchdog
window
and
programmable watchdog reset delay for a wide
variety
of
applications.
The
TPS3430
window
watchdog achieves 15% timing accuracy (–40°C to
+125°C), 2.5% timing accuracy (typical at 25°C) and
the watchdog output (WDO) reset delay can be set by
factory-programmed
default
delay
settings,
or
programmed by an external capacitor. The watchdog
can be disabled via the SET pins to avoid undesired
watchdog timeouts during the development process
or during power on.
The TPS3430 is available in a small 3.00-mm ×
3.00-mm, 10-pin VSON package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS3430
VSON (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Window Watchdog Timer Circuit
Normalized Watchdog Timeout Accuracy Over
Temperature (SET0 = 1, SET1 = 1, CWD = NC)


Similar Part No. - TPS3430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
1Mb / 34P
Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3430 TI2-TPS3430 Datasheet
1Mb / 37P
TPS3430 Window Watchdog Timer with Programmable Reset Delay
REVISED OCTOBER 2021
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI2-TPS3430-Q1 Datasheet
1Mb / 37P
TPS3430 Window Watchdog Timer with Programmable Reset Delay
REVISED OCTOBER 2021
TPS3430WDRCR TI2-TPS3430WDRCR Datasheet
1Mb / 37P
TPS3430 Window Watchdog Timer with Programmable Reset Delay
REVISED OCTOBER 2021
More results

Similar Description - TPS3430

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U5021M ATMEL-U5021M Datasheet
177Kb / 11P
DIGITAL WINDOW WATCHDOG TIMER
logo
TEMIC Semiconductors
U5020M TEMIC-U5020M Datasheet
108Kb / 8P
Digital Window Watchdog Timer
logo
ATMEL Corporation
U5020M ATMEL-U5020M Datasheet
171Kb / 10P
DIGITAL WINDOW WATCHDOG TIMER
U5021M ATMEL-U5021M_05 Datasheet
225Kb / 11P
Digital Window Watchdog Timer
logo
Texas Instruments
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
logo
Allegro MicroSystems
A4410 ALLEGRO-A4410 Datasheet
1Mb / 41P
Programmable watchdog timer with a 30 ms activation delay
logo
Texas Instruments
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
Automotive Window Watchdog Timer with Programmable Reset Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com