Electronic Components Datasheet Search
  English  ▼

X  

TPS3430 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3430
Description  Window Watchdog Timer with Programmable Reset Delay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3430 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3430 Datasheet HTML 7Page - Texas Instruments TPS3430 Datasheet HTML 8Page - Texas Instruments TPS3430 Datasheet HTML 9Page - Texas Instruments TPS3430 Datasheet HTML 10Page - Texas Instruments TPS3430 Datasheet HTML 11Page - Texas Instruments TPS3430 Datasheet HTML 12Page - Texas Instruments TPS3430 Datasheet HTML 13Page - Texas Instruments TPS3430 Datasheet HTML 14Page - Texas Instruments TPS3430 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
SET0
SET1
VDD1 = VDD2
RATIO
Disabled
1:8
1:8
tWD-setup
11
TPS3430
www.ti.com
SBVS366 – JULY 2018
Product Folder Links: TPS3430
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Window Watchdog
7.3.2.1 SET0 and SET1
When changing the SET0 or SET1 pins, there are two cases to consider: enabling and disabling the watchdog,
and changing the SET0 or SET1 pins when the watchdog is enabled. In case 1 where the watchdog is being
enabled or disabled, the changes take effect immediately. However, in case 2, a WDO fault event must occur in
order for the changes to take place.
7.3.2.1.1
Enabling the Window Watchdog
The TPS3430 features the ability to enable and disable the watchdog timer. This feature allows the user to start
with the watchdog timer disabled and then enable the watchdog timer using the SET0 and SET1 pins. The ability
to enable and disable the watchdog is useful to avoid undesired watchdog trips during initialization and
shutdown. When the SETx pins are changed to disable the watchdog timer, changes on the pins are responded
to immediately (as shown in Figure 9). When the watchdog goes from disabled to enabled, there is a 150 μs (tWD-
setup) transition period where the device does not respond to changes on WDI. After this 150-μs period, the
device begins to respond to changes on WDI again.
Figure 9. Enabling the Watchdog Timer
7.3.2.1.2
Disabling the Watchdog Timer When Using the CRST Capacitor
When using the TPS3430 with fixed timing options, if the watchdog is disabled and reenabled while WDO is
asserted (logic low) the watchdog performs as described in the Enabling the Window Watchdog section.
However, if there is a capacitor on the CRST pin, and the watchdog is disabled and reenabled when WDO is
asserted (logic low), then the watchdog behaves as shown in Figure 10. When the watchdog is disabled, WDO
goes high impedance (logic high). However, when the watchdog is enabled again, the tRST period must expire
before the watchdog resumes normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com