Electronic Components Datasheet Search
  English  ▼

X  

TPS3431 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3431
Description  Automotive Standard Programmable Watchdog Timer with Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3431 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3431 Datasheet HTML 4Page - Texas Instruments TPS3431 Datasheet HTML 5Page - Texas Instruments TPS3431 Datasheet HTML 6Page - Texas Instruments TPS3431 Datasheet HTML 7Page - Texas Instruments TPS3431 Datasheet HTML 8Page - Texas Instruments TPS3431 Datasheet HTML 9Page - Texas Instruments TPS3431 Datasheet HTML 10Page - Texas Instruments TPS3431 Datasheet HTML 11Page - Texas Instruments TPS3431 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
364
368
372
376
380
1.6 V
6.5 V
Temperature ( °C)
-50
-25
0
25
50
75
100
125
0.3
0.4
0.5
0.6
0.7
VIL
VIH
VDD (V)
0
1
2
3
4
5
6
7
0
4
8
12
16
-40qC
0qC
25qC
105qC
125qC
8
TPS3431-Q1
SNVSB67 – JULY 2018
www.ti.com
Product Folder Links: TPS3431-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.7 Typical Characteristics
all typical characteristics curves are taken at 25°C with 1.8 V
≤ VDD ≤ 6.5 V (unless other wise noted)
Figure 3. Supply Current vs VDD
VDD = 1.8 V
Figure 4. EN Threshold vs Temperature
Figure 5. CWD Charging Current vs Temperature
Figure 6. Normalized Watchdog Timeout (tWD) Accuracy
(SET1 = 1, CWD = NC)
Figure 7. Normalized Watchdog Timeout (tWD) Accuracy (SET1 = 1, CWD = 10kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com