Electronic Components Datasheet Search
  English  ▼

X  

TPS3431 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3431
Description  Automotive Standard Programmable Watchdog Timer with Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3431 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS3431 Datasheet HTML 9Page - Texas Instruments TPS3431 Datasheet HTML 10Page - Texas Instruments TPS3431 Datasheet HTML 11Page - Texas Instruments TPS3431 Datasheet HTML 12Page - Texas Instruments TPS3431 Datasheet HTML 13Page - Texas Instruments TPS3431 Datasheet HTML 14Page - Texas Instruments TPS3431 Datasheet HTML 15Page - Texas Instruments TPS3431 Datasheet HTML 16Page - Texas Instruments TPS3431 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
VDD
CCWD
Cap
Control
375 nA
CWD
VDD
CWD
CWD
User Programmable
Capacitor to GND
10 NŸ 5HVLVWRU
to VDD
CWD
Unconnected
TPS3431
TPS3431
TPS3431
VDD
VDD
Cap
Control
375 nA
VDD
Cap
Control
375 nA
VDD
13
TPS3431-Q1
www.ti.com
SNVSB67 – JULY 2018
Product Folder Links: TPS3431-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The following sections describe in detail proper device implementation, depending on the final application
requirements.
8.1.1 CWD Functionality
The TPS3431-Q1 features three options for setting the watchdog timeout: connecting a capacitor to the CWD
pin, connecting a pull-up resistor to VDD, and leaving the CWD pin unconnected. Figure 10 shows a schematic
drawing of all three options. If this pin is connected to VDD through a 10-k
Ω pullup resistor or left unconnected
(high impedance), then the factory-programmed watchdog timeouts are enabled; see the Factory-Programmed
Timing Options section. Otherwise, the watchdog timeout can be adjusted by placing a capacitor from the CWD
pin to ground.
Figure 10. CWD Charging Circuit
8.1.1.1 Factory-Programmed Timing Options
If using the factory-programmed timing options (listed in Table 2), the CWD pin must either be unconnected or
pulled up to VDD through a 10-kΩ pull-up resistor. Using these options enables high-precision, 15% accurate
watchdog timing.
Table 2. Factory Programmed Watchdog Timing
INPUT
STANDARD WATCHDOG TIMEOUT WDT (tWD)
UNIT
CWD
SET1
MIN
TYP
MAX
NC
0
Watchdog disabled
NC
1
1360
1600
1840
ms
10 kΩ to VDD
0
Watchdog disabled
10 kΩ to VDD
1
170
200
230
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com