Electronic Components Datasheet Search
  English  ▼

X  

TPS3431 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3431
Description  Automotive Standard Programmable Watchdog Timer with Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3431 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3431 Datasheet HTML 7Page - Texas Instruments TPS3431 Datasheet HTML 8Page - Texas Instruments TPS3431 Datasheet HTML 9Page - Texas Instruments TPS3431 Datasheet HTML 10Page - Texas Instruments TPS3431 Datasheet HTML 11Page - Texas Instruments TPS3431 Datasheet HTML 12Page - Texas Instruments TPS3431 Datasheet HTML 13Page - Texas Instruments TPS3431 Datasheet HTML 14Page - Texas Instruments TPS3431 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SET1
VDD
EN
Watchdog
Enabled/Disabled
Disabled
Enabled
Enabled
150 µs
ENOUT
t
RST
when ENOUT or SET1 is logic low
11
TPS3431-Q1
www.ti.com
SNVSB67 – JULY 2018
Product Folder Links: TPS3431-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
(1)
VDD must be above VDD (min)for longer than 300 µs.
(2)
Where tpulse is the time between the falling edges on WDI.
7.3.2.3 Watchdog Output WDO
The TPS3431-Q1 features an active-low open-drain watchdog output that asserts when a pulse on WDI fails to
arrive within the watchdog timeout. When EN is logic high, the WDO signal maintains normal operation. When
the EN pin is logic low, the WDO pin goes to a high-impedance state and pulls logic high due to the external pull-
up resistor. Because WDO and ENOUT are both open-drain outputs, these outputs can be tied together to create
an OR logic function so that if either output pulls down to logic low, the other will also pull down logic low.
7.3.2.4 SET1
The SET1 pin can enable and disable the watchdog timer and should be used when disabling the watchdog
timer for longer than one watchdog reset cycle. If SET1 is set to GND, the watchdog timer is disabled and WDI is
ignored. If the watchdog timer is disabled, drive the WDI pin to either GND or VDD to ensure that there is no
increase in IDD. When SET1 is logic high, the watchdog operates normally. The SET1 pin can be changed
dynamically; however, if the watchdog is going from disabled to enabled there is a 150 µs setup time where the
watchdog does not respond to changes on WDI, as shown in Figure 9. Note: disabling using SET1 pin causes a
delay defined by the fixed 150-us setup time when enabling again.
Figure 9. Enabling and Disabling the Watchdog
7.4 Device Functional Modes
Table 1 summarizes the functional modes of the TPS3431-Q1.
Table 1. Device Functional Modes
VDD
EN
ENOUT
WDI
WDO
VDD < VPOR
---
---
---
---
VPOR ≤ VDD < VDD(min)
---
Low
Ignored
High
VDD > VDD (min)
(1)
High
High
tPULSE <
tWD(min)
(2)
High
VDD > VDD (min)
(1)
High
High
tPULSE >
tWD(min)
(2)
Low
VDD > VDD (min)
(1)
Low
Low
Ignored
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com