Electronic Components Datasheet Search
  English  ▼

X  

W2RG012RN Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # W2RG012RN
Description  Optimal IC for LED Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RG012RN Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button W2RG012RN Datasheet HTML 3Page - Omron Electronics LLC W2RG012RN Datasheet HTML 4Page - Omron Electronics LLC W2RG012RN Datasheet HTML 5Page - Omron Electronics LLC W2RG012RN Datasheet HTML 6Page - Omron Electronics LLC W2RG012RN Datasheet HTML 7Page - Omron Electronics LLC W2RG012RN Datasheet HTML 8Page - Omron Electronics LLC W2RG012RN Datasheet HTML 9Page - Omron Electronics LLC W2RG012RN Datasheet HTML 10Page - Omron Electronics LLC W2RG012RN Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LED Control IC
W2RG012RN
7
Constant Voltage Drive
Current can be set individually for output terminals in 24 systems (OUT0R ~ 7R,/ OUT0G ~ 7G/OUT0B ~ 7B). To set current individually, resistance
is put in series relative to the LED to be lit. Current setting resistance terminal (REXTR/REXTG/REXTB) is connected to REXT resistance with
which current becomes higher than the operating current. The relationship between current and series resistance/REXT resistance is shown below.
Formula for Current Setting
I
DOUT (mA) = Supply voltage (V) / (Series resistance (Ω) + On resistance 6.3 Ω) < 2,560 / REXT resistance (kΩ)
Reset
When the input to reset terminal (RST) is L, all internal circuits are reset. Each buffer passes into the initial condition; the constant current output
terminal and the open drain output terminal into open output; and CMOS output terminal into L output. When the input is changed from L to H,
operation is resumed from the initial condition.
■ Communication Specifications
This IC can adapt to 4 communication modes. The communication mode is set with communication mode setting terminal (COM).
Serial Communication with Address (SP-D8 Mode)
Communication is started with a 9-bit start signal. Communication stability is enhanced by inserting a separator into data at intervals of 8 bits.
Serial Communication with Address (SP-D7 Mode)
Communication is started with an 8-bit start signal. Communication stability is enhanced by inserting a separator into data at intervals of 7 bits.
Serial Communication with Address (CE-D8 Mode)
The start and termination of communication is controlled with chip enabled signals. This communication mode is adapted to general-purpose serial
parallel interface.
I2C Mode Communication (I2C Mode)
This communication mode conforms to general-purpose I2C communication protocol.
The name and communication format of each communication mode are shown below.
Chip Enable
This IC has chip enable terminal (CE). If L is input as signal to the chip enable terminal, the chip becomes effective.
Serial Communication with Address (SP-D8, SP-D7), I2C-based Serial Communication
Communication data are received only when the chip is effective. If the chip becomes ineffective during communication, the IC interior passes into the wait condition,
and received communication data are ignored.
Serial Communication with Address (CE-D8)
The change of a chip enabled input signal means the start or termination of communication. If the chip passes from an effective condition (L input) into an ineffective
condition (H input), judgment is made that the communication has terminated, and the IC interior returns to the initial condition.
Name of communication mode
Abbreviation
Start Signal
Stop Signal
Separator
Data Width
Response
Serial communication with address (SP-D8 mode)
SP-D8
“1 1111 1111 0”
“1 1111 1111”
0: continuation
1: termination
8
ACK
(NACK)
Serial communication with address (SP-D7 mode)
SP-D7
“1111 1111 0”
“1111 1111”
0: continuation
1: termination
7
ACK
(NACK)
Serial communication with address (CE-D8 mode)
CE-D8
CE fall
CE rise
(None)
8
SYN
I2C-based serial communication (I2C mode)
I2CI2C standard-based I2C standard-based
I2C standard-based
8
ACK
(NACK)
Start Signal:
Communication is initialized, whether in wait or communication, into the device selection data wait condition.
Stop Signal:
Communication is terminated, and passes into the start signal wait condition. In SP-D8/SP-D7, procedures to terminate communication
(transmitting “1” to separator/transmitting a stop signal) can be omitted by transmitting a start signal after transmitting gradation data.
Separator:
This bit is inserted into transmitted data. In SP-D8/SP-D7, communication is terminated by transmitting “1” to separator, and passes into the
stop/start signal wait condition. In I2C, separator is allotted to ACK response.
Data Width:
Data width refers to the bit width of transmitted data. In SP-D7, data that can be designated are restricted (no word length designation, designation
of 128 gradations).
Response:
Response refers to the type of response. This IC outputs data to SDO terminal at the fall of SCL signal. In SP-D8/SP-D7/I2C, received data are
checked, and a result is returned (ACK or NACK). In CE-D8, a synchronization signal indicating in-communication status is output (SYN).
Received data are not checked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com