Electronic Components Datasheet Search
  English  ▼

X  

W2RG012RN Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # W2RG012RN
Description  Optimal IC for LED Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RG012RN Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button W2RG012RN Datasheet HTML 6Page - Omron Electronics LLC W2RG012RN Datasheet HTML 7Page - Omron Electronics LLC W2RG012RN Datasheet HTML 8Page - Omron Electronics LLC W2RG012RN Datasheet HTML 9Page - Omron Electronics LLC W2RG012RN Datasheet HTML 10Page - Omron Electronics LLC W2RG012RN Datasheet HTML 11Page - Omron Electronics LLC W2RG012RN Datasheet HTML 12Page - Omron Electronics LLC W2RG012RN Datasheet HTML 13Page - Omron Electronics LLC W2RG012RN Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
LED Control IC
W2RG012RN
■ Gradation Control
Designation of Gradation
Gradation is designated using a data length of 8 bits (256 gradations), 7 bits (128 gradations), or 4 bits (16 gradations). The 8-bit or 4-bit mode can
be selected using a word length bit in a communication command. In case of the 4-bit mode, the overall data length for communication can be
shortened, though only a small number of gradations can be designated. In case of SP-D7 mode in serial communication with address, the word
length is fixed at 7 bits, i.e., it is not designated.
The relationship between lighting gradation and output duty ratio is shown below;
Communication mode
Word length
Gradation number
Serial communication with address
(SP-D8)
8-bit mode
256
4-bit mode
16
Serial communication with address
(SP-D7)
---
128
Serial communication with address
(CE-D8)
8-bit mode
256
4-bit mode
16
I2C-based serial communication (I2C)
8-bit mode
256
4-bit mode
16
Lighting Gradation vs. Output Duty Ratio
0 %
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
32
64
96 128 160 192 224
255
Lighting gradation
24×1
24×2
24×4
16×8
Lighting
gradation
(8-bit)
Lighting
gradation
(7-bit)
Lighting
gradation
(4-bit)
Matrix configuration
24x1
24x2
24x4
16x8
0
0
0
(Light-out)
(Light-out)
(Light-out)
(Light-out)
15
7
- - -
0.37%
0.18%
0.09%
0.05%
31
15
1
0.76%
0.38%
0.19%
0.09%
47
23
2
1.15%
0.57%
0.29%
0.14%
63
31
3
1.54%
0.77%
0.38%
0.19%
79
39
4
2.29%
1.15%
0.57%
0.29%
95
47
5
3.08%
1.54%
0.77%
0.38%
111
55
6
4.59%
2.29%
1.15%
0.57%
127
63
7
6.15%
3.08%
1.54%
0.77&
143
71
8
9.18%
4.59%
2.29%
1.15%
159
79
9
12.30%
6.15%
3.08%
1.54%
175
87
10
18.36%
9.18%
4.59%
2.29%
191
95
11
24.61%
12.30%
6.15%
3.08%
207
103
12
36.72%
18.36%
9.18%
4.59%
223
111
13
49.22%
24.61%
12.30%
6.15%
239
119
14
73.44%
36.72%
18.36%
9.18%
255
127
15
98.44%
49.22%
24.61%
12.30%
Lighting Gradation vs. Output Duty Ratio
(Representative Values Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com