Electronic Components Datasheet Search
  English  ▼

X  

W2RG012RN Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # W2RG012RN
Description  Optimal IC for LED Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RG012RN Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button W2RG012RN Datasheet HTML 4Page - Omron Electronics LLC W2RG012RN Datasheet HTML 5Page - Omron Electronics LLC W2RG012RN Datasheet HTML 6Page - Omron Electronics LLC W2RG012RN Datasheet HTML 7Page - Omron Electronics LLC W2RG012RN Datasheet HTML 8Page - Omron Electronics LLC W2RG012RN Datasheet HTML 9Page - Omron Electronics LLC W2RG012RN Datasheet HTML 10Page - Omron Electronics LLC W2RG012RN Datasheet HTML 11Page - Omron Electronics LLC W2RG012RN Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
LED Control IC
W2RG012RN
Communication Format
bit
SCL
SDA
SDO
Name
Name
123456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
Word length: 0; gradation data: 8-bit designation
1111111110010
Device
Address
START
Device
ID
Device selection data
dvc_dat[7:0]
00
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
452 453 454 455 456 457 458 459 460 461 462 463 464
000
W
S
P
Word
length
R
1
ACK
Word length: 1; gradation data: 4-bit designation
Register selection data
reg_dat[7:0]
Register address
0
1
0
0
1
1111
0
0
1
1111
11
1
0
ACK
ACK
ACK
S
P
Byte
Adjustment
Gradation data (95)
light_dat95[7:0]
STOP
Gradation data (0)
light_dat0[7:0]
0
885 886 887 888 889 890 891 892 893 894 895 896
884
S
P
0
0
11
1
0
ACK
ACK
ACK
Byte adjustment: When transmitting data with 8 bits as unit, “1” is designated to remaining bits after STOP.
Gradation data (95)
light_dat95[3:0]
STOP
0
S
P
Gradation data (0)
light_dat0[3:0]
Gradation data (1)
light_dat1[3:0]
Gradation data (94)
light_dat94[3:0]
0
Byte
Adjustment
S
P
Register selection data
reg_dat[7:0]
Register address
0
0
Word
length
bit
123456789
10 11 12 13 14 15
SCL
SDA
111111110010
SDO
Name
00
Name
START
Device
ID
Device selection data
dvc_dat[6:0]
Device
Address
16 17 18 19 20 21 22 23 24 25
00
11
ACK
ACK
ACK
S
P
S
P
Register address
Register selection data
reg_dat[6:0]
0
26 27 28 29 30 31 32
0
1
ACK
0
S
P
Gradation data (0)
light_dat0[6:0]
786 787 788 789 790 791 792 793 794 795 796 797 798 799 800
11111111
1
0
Gradation data (95)
light_dat95[6:0]
0
STOP
bit
12345678
CE
SCL
SDA
010
0
SDO
1
Name
SYN
0
1
Name
Device
ID
Device
Address
R
W
Device selection data
dvc_dat[7:0]
START
0
Word length: 0; gradation data: 8-bit designation
9
1011121314151617181920212223
0
1
SYN
Register selection data
reg_dat[7:0]
0
Gradation data (0)
light_dat0[7:0]
Word
length
Register address
0
24 777 778 779 780 781 782 783 784
11
SYN
SYN
STOP
1
Gradation data (95)
light_dat95[7:0]
0
0
9
101112131415161718192021222324 393 394 395 396 397 398 399 400
1
111
SYN
SYN
SYN
Register address
Gradation data (0)
light_dat0[3:0]
00
Gradation data (95)
light_dat95[3:0]
Register selection data
reg_dat[7:0]
STOP
Gradation data (1)
light_dat1[3:0]
Gradation data (94)
light_dat94[3:0]
Word
length
0
0
1
Word length: 1; gradation data: 4-bit designation
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26
442 443 444 445 446 447 448 449 450
bit
1
2
3
4
5
6
7
8
9
101112131415161718
SCL
SDA
0
1
0
0
1
0
1
SDO
11
Name
ACK
ACK
(Open)
0
(Open)
Register address
Name
Device
ID
Device
Address
START
Device selection data
dvc_dat[7:0]
R
W
(Open)
Register selection data
reg_dat[7:0]
00
Word
length
Word length: 0; gradation data: 8-bit designation
19 20 21 22 23 24 25 26
1
1
ACK
0
(Open)
Gradation data (0)
light_dat0[7:0]
874 875 876 877 878 879 880 881 882
1
ACK
STOP
0
Gradation data (95)
light_dat95[7:0]
(Open)
(Open)
Word length: 1; gradation data: 4-bit designation
11
1
1
11
1
ACK
ACK
ACK
00
Gradation data (94)
light_dat94[3:0]
00
Gradation data (95)
light_dat95[3:0]
Word
length
Register address
Register selection data
reg_dat[7:0]
Gradation data (0)
light_dat0[3:0]
Gradation data (1)
light_dat1[3:0]
(Open)
(Open)
(Open)
(Open)
1
I2C-based Serial Communication (I2C Mode)
Serial Communication with Address (CE-D8 Mode)
Serial Communication with Address (SP-D7 Mode)
Serial Communication with Address (SP-D8 Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com