Electronic Components Datasheet Search
  English  ▼

X  

AFIC31025N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AFIC31025N
Description  RF LDMOS Integrated Power Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC31025N Datasheet(HTML) 3 Page - NXP Semiconductors

  AFIC31025N Datasheet HTML 1Page - NXP Semiconductors AFIC31025N Datasheet HTML 2Page - NXP Semiconductors AFIC31025N Datasheet HTML 3Page - NXP Semiconductors AFIC31025N Datasheet HTML 4Page - NXP Semiconductors AFIC31025N Datasheet HTML 5Page - NXP Semiconductors AFIC31025N Datasheet HTML 6Page - NXP Semiconductors AFIC31025N Datasheet HTML 7Page - NXP Semiconductors AFIC31025N Datasheet HTML 8Page - NXP Semiconductors AFIC31025N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AFIC31025N AFIC31025GN
3
RF Device Data
NXP Semiconductors
Table 5. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 2 -- Off Characteristics (1)
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =32 Vdc, VGS =0 Vdc)
IDSS
—
—
1
Adc
Gate--Source Leakage Current
(VGS =1.0 Vdc, VDS =0 Vdc)
IGSS
—
—
1
Adc
Stage 2 -- On Characteristics
Gate Threshold Voltage (1)
(VDS =10 Vdc, ID =16 Adc)
VGS(th)
0.8
1.2
1.6
Vdc
Gate Quiescent Voltage
(VDS =28 Vdc, IDQ2(A+B) = 157 mAdc)
VGS(Q)
—
1.9
—
Vdc
Fixture Gate Quiescent Voltage
(VDD =28 Vdc, IDQ2(A+B) = 157 mAdc, Measured in Functional Test)
VGG(Q)
4.3
5.0
5.8
Vdc
Drain--Source On--Voltage (1)
(VGS =10 Vdc, ID = 200 mAdc)
VDS(on)
0.1
0.22
1.5
Vdc
1. Each side of device measured separately.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com