Electronic Components Datasheet Search
  English  ▼

X  

AFT05MS006NT1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AFT05MS006NT1
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS006NT1 Datasheet(HTML) 4 Page - NXP Semiconductors

  AFT05MS006NT1 Datasheet HTML 1Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 2Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 3Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 4Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 5Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 6Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 7Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 8Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
AFT05MS006NT1
TYPICAL CHARACTERISTICS
160
109
90
107
106
100
120
130
140
150
105
108
TJ, JUNCTION TEMPERATURE (C)
Note:
MTTF value represents the total cumulative operating time
under indicated test conditions.
MTTF calculator available at http://www.freescale.com/rf. Select
Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
VDD =7.5 Vdc
2
1
100
08
4
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 2. Capacitance versus Drain--Source Voltage
12
Ciss
10
10
Coss
Measured with 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc
Crss
6
Figure 3. MTTF versus Junction Temperature — CW
ID =0.86 Amps
1.1 Amps
1.32 Amps
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com