Electronic Components Datasheet Search
  English  ▼

X  

AFT05MS006NT1 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # AFT05MS006NT1
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS006NT1 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button AFT05MS006NT1 Datasheet HTML 5Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 6Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 7Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 8Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 9Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 10Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 11Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 12Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AFT05MS006NT1
9
RF Device Data
Freescale Semiconductor, Inc.
440–520 MHz UHF BROADBAND REFERENCE CIRCUIT
Figure 9. AFT05MS006NT1 UHF Broadband Reference Circuit Component Layout — 440–520 MHz
L3
L1
L2
L4
L5
L6
C1
C2
C3
C4
C5
C6
C7 C8
C9
C10
C11
C12
C13
C14
C15
GND
VDD
VDP
R1
Q1
B1
J1
Table 10. AFT05MS006NT1 UHF Broadband Reference Circuit Component Designations and Values — 440–520 MHz
Part
Description
Part Number
Manufacturer
B1
30 , 6 A Ferrite Bead
MPZ2012S300A
Fair-Rite
C1
18 pF Chip Capacitor
ATC600F180JT250XT
ATC
C2, C3, C11
15 pF Chip Capacitors
ATC600F150JT250XT
ATC
C4
56 pF Chip Capacitor
ATC600F560JT250XT
ATC
C5
100 pF Chip Capacitor
ATC600F100JT250XT
ATC
C6, C7
0.1 F Chip Capacitors
GRM21BR71H104KA01B
Murata
C8
0.01 F Chip Capacitor
GRM21BR72A103KA01B
Murata
C9
240 pF Chip Capacitor
ATC600F241JT250XT
ATC
C10
2.2 F Chip Capacitor
GRM31CR71H225KA88L
Murata
C12
39 pF Chip Capacitor
ATC600F390JT250XT
ATC
C13
18 pF Chip Capacitor
ATC600F180JT250XT
ATC
C14
5.1 pF Chip Capacitor
ATC600F5R1BT250XT
ATC
C15
100 pF Chip Capacitor
ATC600F101JT250XT
ATC
J1
Right-Angle Breakaway Headers (3 pins)
22-28-8360
Molex
L1
5.5 nH Inductor
0806SQ5N5
Coilcraft
L2
6 nH Inductor
0806SQ6N0
Coilcraft
L3, L4
16.6 nH Inductors
0908SQ17N
Coilcraft
L5
1.65 nH Inductor
0906-2JLC
Coilcraft
L6
8.1 nH Inductor
0908SQ8N1
Coilcraft
Q1
RF Power LDMOS Transistor
AFT05MS006NT1
Freescale
R1
20 , 1/4 W Chip Resistor
CRCW120620R0FKEA
Vishay
PCB
0.020, r = 4.8, Shengyi S1000-2
D49947
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com