Electronic Components Datasheet Search
  English  ▼

X  

AFT05MS006NT1 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # AFT05MS006NT1
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS006NT1 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button AFT05MS006NT1 Datasheet HTML 8Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 9Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 10Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 11Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 12Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 13Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 14Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 15Page - NXP Semiconductors AFT05MS006NT1 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
RF Device Data
Freescale Semiconductor, Inc.
AFT05MS006NT1
440--520 MHz UHF BROADBAND REFERENCE CIRCUIT
Zo =10 
Zsource
Zload
f = 440 MHz
f = 520 MHz
f = 520 MHz
f = 440 MHz
VDD =7.5 Vdc, IDQ = 100 mA, Pout =6 WAvg.
f
MHz
Zsource
Zload
440
2.46 + j3.15
3.80 + j3.27
450
2.30 + j3.23
3.70 + j2.77
460
2.11 + j3.35
3.69 + j2.66
470
1.90 + j3.48
3.60 + j2.61
480
1.71 + j3.72
3.54 + j2.68
490
1.56 + j4.01
3.50 + j2.78
500
1.43 + j4.37
3.46 + j2.92
510
1.33 + j4.75
3.42 + j3.09
520
1.28 + j5.10
3.37 + j3.22
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 14. UHF Broadband Series Equivalent Source and Load Impedance — 440--520 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 
50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com