Electronic Components Datasheet Search
  English  ▼

X  

AFT09MS015N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFT09MS015N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS015N Datasheet(HTML) 5 Page - NXP Semiconductors

  AFT09MS015N Datasheet HTML 1Page - NXP Semiconductors AFT09MS015N Datasheet HTML 2Page - NXP Semiconductors AFT09MS015N Datasheet HTML 3Page - NXP Semiconductors AFT09MS015N Datasheet HTML 4Page - NXP Semiconductors AFT09MS015N Datasheet HTML 5Page - NXP Semiconductors AFT09MS015N Datasheet HTML 6Page - NXP Semiconductors AFT09MS015N Datasheet HTML 7Page - NXP Semiconductors AFT09MS015N Datasheet HTML 8Page - NXP Semiconductors AFT09MS015N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AFT09MS015NT1
5
RF Device Data
Freescale Semiconductor, Inc.
870 MHz NARROWBAND PRODUCTION TEST FIXTURE
Figure 4. AFT09MS015NT1 Narrowband Test Circuit Component Layout — 870 MHz
AFT09MS015N
Rev. 1
C1
C2
C3
B1
C4
C6
C6
C5
L1
C8
C9
C15 C17
C10 C16
L2
C18
C19
L3
C20
C21
C11
C12
C13
C14
D53709
C7
Table 6. AFT09MS015NT1 Narrowband Test Circuit Component Designations and Values — 870 MHz
Part
Description
Part Number
Manufacturer
B1
RF Bead, Short
2743019447
Fair-Rite
C1
22 F, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C2, C13
0.1 F Chip Capacitors
CDR33BX104AKWS
AVX
C3, C12
0.01 F Chip Capacitors
C0805C103K5RAC
Kemet
C4, C11
56 pF Chip Capacitors
ATC100B560CT500XT
ATC
C5, C8, C9
5.6 pF Chip Capacitors
ATC100B5R6CT500XT
ATC
C6, C7
3.3 pF Chip Capacitors
ATC100B3R3CT500XT
ATC
C14
330 F, 35 V Electrolytic Capacitor
MCGPR35V337M10X16-RH
Multicomp
C15, C10
9.1 pF Chip Capacitors
ATC100B9R1CT500XT
ATC
C16, C17
7.5 pF Chip Capacitors
ATC100B7R5CT500XT
ATC
C18, C19
6.2 pF Chip Capacitors
ATC100B6R2BT500XT
ATC
C20
1.5 pF Chip Capacitor
ATC100B1R5BT500XT
ATC
C21
3.9 pF Chip Capacitor
ATC100B3R9CT500XT
ATC
L1
5.0 nH, 2 Turn Inductor
A02TKLC
Coilcraft
L2
8.0 nH, 3 Turn Inductor
A03TKLC
Coilcraft
L3
2.5 nH, 1 Turn Inductor
A01TKLC
Coilcraft
PCB
Rogers RO4350B, 0.030, r =3.66
D53709
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com