Electronic Components Datasheet Search
  English  ▼

X  

AFT09MS015N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # AFT09MS015N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS015N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button AFT09MS015N Datasheet HTML 5Page - NXP Semiconductors AFT09MS015N Datasheet HTML 6Page - NXP Semiconductors AFT09MS015N Datasheet HTML 7Page - NXP Semiconductors AFT09MS015N Datasheet HTML 8Page - NXP Semiconductors AFT09MS015N Datasheet HTML 9Page - NXP Semiconductors AFT09MS015N Datasheet HTML 10Page - NXP Semiconductors AFT09MS015N Datasheet HTML 11Page - NXP Semiconductors AFT09MS015N Datasheet HTML 12Page - NXP Semiconductors AFT09MS015N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AFT09MS015NT1
9
RF Device Data
Freescale Semiconductor, Inc.
760--870 MHz UHF BROADBAND REFERENCE CIRCUIT
Figure 9. AFT09MS015NT1 UHF Broadband Reference Circuit Component Layout — 760--870 MHz
D55295
C1
C3
C6
C5
C4
R1
B1
C9
J1
C10
B2
L1
C11
C12
C13
C16
C15
C14
Q1
C2
C8
C7
Table 10. AFT09MS015NT1 UHF Broadband Reference Circuit Component Designations and Values — 760--870 MHz
Part
Description
Part Number
Manufacturer
B1, B2
RF Beads
2743019447
Fair-Rite
C1, C5, C6, C7, C8
20 pF Chip Capacitors
GQM2195C2E200GB12D
Murata
C2
8.2 pF Chip Capacitor
GQM2195C2E8R2BB12D
Murata
C3
10 pF Chip Capacitor
GQM2195C2E100FB12D
Murata
C4, C13
56 pF Chip Capacitors
GQM2195C2E560GB12D
Murata
C9
1 F Chip Capacitor
GRM31MR71H105KA88L
Murata
C10
10 F Chip Capacitor
GRM31CR61H106KA12L
Murata
C11, C12
12 pF Chip Capacitors
GQM2195C2E120FB12D
Murata
C14, C15
5.6 pF Chip Capacitors
GQM2195C2E5R6BB12D
Murata
C16
100 pF Chip Capacitor
GQM2195C2E101GB12D
Murata
J1
Right-Angle Breakaway Headers (3 pins)
22-28-8360
Molex
L1
22 nH Air Core Inductor
0908SQ-22NJL
Coilcraft
Q1
RF Power LDMOS Transistor
AFT09MS015NT1
Freescale
R1
200 , 1/8 W Chip Resistor
CRCW0805200RJNEA
Vishay
PCB
0.020, r =4.8, FR4
D55295
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com