Electronic Components Datasheet Search
  English  ▼

X  

AFT09MS015N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # AFT09MS015N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS015N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button AFT09MS015N Datasheet HTML 3Page - NXP Semiconductors AFT09MS015N Datasheet HTML 4Page - NXP Semiconductors AFT09MS015N Datasheet HTML 5Page - NXP Semiconductors AFT09MS015N Datasheet HTML 6Page - NXP Semiconductors AFT09MS015N Datasheet HTML 7Page - NXP Semiconductors AFT09MS015N Datasheet HTML 8Page - NXP Semiconductors AFT09MS015N Datasheet HTML 9Page - NXP Semiconductors AFT09MS015N Datasheet HTML 10Page - NXP Semiconductors AFT09MS015N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AFT09MS015NT1
7
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 870 MHz
0
0
12
12
3
4
4.5
10
4
8
6
14
Pin =0.30 W
VDD = 12.5 Vdc, f = 870 MHz
16
18
22
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 6. Output Power versus Gate--Source Voltage
at a Constant Input Power
Pin, INPUT POWER (WATTS)
0
10
6
0.01
40
60
50
10
30
16
14
12
18
70
80
110
0.1
1
20
22
0
Figure 7. Power Gain, Output Power and Drain
Efficiency versus Input Power
20
20
8
2
0.5
3.5
2.5
1.5
Pin =0.15 W
4
2
90
100
Gps
Pout
VDD = 12.5 Vdc, IDQ = 100 mA
f = 870 MHz
D
VDD = 12.5 Vdc, IDQ = 100 mA, Pout =15 W
f
MHz
Zsource
Zload
870
0.80 + j0.80
2.05 + j1.80
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 8. Narrowband Series Equivalent Source and Load Impedance — 870 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 
50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com