Electronic Components Datasheet Search
  English  ▼

X  

TLV2632ID Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV2632ID
Description  FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2632ID Datasheet(HTML) 1 Page - Texas Instruments

  TLV2632ID Datasheet HTML 1Page - Texas Instruments TLV2632ID Datasheet HTML 2Page - Texas Instruments TLV2632ID Datasheet HTML 3Page - Texas Instruments TLV2632ID Datasheet HTML 4Page - Texas Instruments TLV2632ID Datasheet HTML 5Page - Texas Instruments TLV2632ID Datasheet HTML 6Page - Texas Instruments TLV2632ID Datasheet HTML 7Page - Texas Instruments TLV2632ID Datasheet HTML 8Page - Texas Instruments TLV2632ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TLV2630, TLV2631
TLV2632, TLV2633
TLV2634, TLV2635
SLOS362A − JUNE 2001 − REVISED JANUARY 2005
FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY
OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
1
www.ti.com
FEATURES
D Rail-To-Rail Output
D VICR Includes Ground
D Gain-Bandwidth Product ... 9 MHz
D Supply Current ... 730 µA/Channel
D Single, Duals, and Quad Versions
D Ultralow Power Down Mode
IDD(SHDN) = 4 µA/Channel
D Specified Temperature Range
−40
°C to 125°C ... Industrial Grade
D Supply Voltage Range ... 2.7 V to 5.5 V
D Ultrasmall Packaging
5 or 6 Pin SOT-23 (TLV2630/1)
8 or 10 Pin MSOP (TLV2632/3)
D Universal Op-Amp EVM (See SLOU060
for More Information)
Operational Amplifier
+
−
DESCRIPTION
The TLV263x single supply operational amplifiers
provide rail-to-rail output with an input range that
includes ground. The TLV263x takes the minimum
operating supply voltage down to 2.7 V over the
extended industrial temperature range (−40
°C to
125
°C) while adding the rail-to-rail output swing feature.
The TLV263x also provides a 9 MHz gain-bandwidth
product from only 730
µA of supply current. The
maximum recommended supply voltage is 5.5 V, which,
when coupled with a 2.7-V minimum, allows the devices
to be operated from lithium ion cells.
The combination of wide bandwidth, low noise, and low
distortion makes it ideal for high speed and high
resolution data converter applications. The ground
input range allows it to directly interface to ground rail
referred systems.
All members are available in PDIP and SOIC with the
singles in the small SOT-23 package, duals in the
MSOP, and quads in the TSSOP package.
The 2.7-V operation makes it compatible with Li-Ion
powered systems and the operating supply voltage
range of many micro-power microcontrollers available
today including TI’s MSP430.
AMPLIFIER SELECTION TABLE
DEVICE
VDD
[V]
IDD/ch
[
µA]
VICR
[V]
GBW
[MHz]
SLEW RATE
[V/
µs]
Vn, 1 kHz
[nV/
√Hz]
IO
[mA]
OPAx343
2.5−5.5
850
−0.3 to VDD + 0.3
5.5
6
25
40
OPAx743
3.5−12
1100
−0.1 to VDD + 0.1
7
10
30
20
TLV278x
1.8−3.6
650
−0.2 to VDD + 0.2
8
5
9
10
TLV263x
2.7−5.5
730
GND to VDD − 1
9
9.5
50
28
TLV262x
2.7−5.5
750
1 V to VDD + 0.2
11
10
27
28
OPAx353
2.7−5.5
8000
−0.1 to VDD + 0.1
44
22
7
40
Copyright
 2001−2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLV2632ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2620 TI-TLV2620 Datasheet
806Kb / 23P
FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620 TI-TLV2620 Datasheet
1Mb / 25P
FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620ID TI-TLV2620ID Datasheet
806Kb / 23P
FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620IDBV TI-TLV2620IDBV Datasheet
806Kb / 23P
FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620IDBVR TI-TLV2620IDBVR Datasheet
806Kb / 23P
FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2632ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC070 TI-TLC070 Datasheet
1Mb / 48P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLV2620 TI-TLV2620 Datasheet
806Kb / 23P
FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLC080A TI-TLC080A Datasheet
1Mb / 52P
FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLV2620 TI-TLV2620_07 Datasheet
1Mb / 25P
FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com