Electronic Components Datasheet Search
  English  ▼

X  

TLV2632ID Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV2632ID
Description  FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2632ID Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2632ID Datasheet HTML 5Page - Texas Instruments TLV2632ID Datasheet HTML 6Page - Texas Instruments TLV2632ID Datasheet HTML 7Page - Texas Instruments TLV2632ID Datasheet HTML 8Page - Texas Instruments TLV2632ID Datasheet HTML 9Page - Texas Instruments TLV2632ID Datasheet HTML 10Page - Texas Instruments TLV2632ID Datasheet HTML 11Page - Texas Instruments TLV2632ID Datasheet HTML 12Page - Texas Instruments TLV2632ID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TLV2630, TLV2631
TLV2632, TLV2633
TLV2634, TLV2635
SLOS362A − JUNE 2001 − REVISED JANUARY 2005
9
www.ti.com
TYPICAL CHARACTERISTICS
Figure 18
0
50
100
150
200
250
300
350
400
450
500
VDD = 2.7 V and 5 V
TA = 25° C
f − Frequency − Hz
10
1k
100k
10k
100
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
Figure 19
f − Frequency − Hz
10
1k
100k
10k
100
CROSSTALK
vs
FREQUENCY
Shutdown Crosstalk
VDD = 2.7 V and 5 V
RL = 2 kΩ
CL = 10 pF
AV = 1
VO(PP) = VDD/2
TA = 25°C
All Channels
Crosstalk
0
−20
−40
−60
−80
−100
−120
−140
Figure 20
0
1
2
3
4
5
6
7
8
0
1
2
3456
−2
−1
0
1
2
VOLTAGE-FOLLOWER LARGE-SIGNAL
PULSE RESPONSE
t − Time −
µs
VDD = 5 V
VIC = VDD/2
RL = 2 kΩ
CL = 10 pF
AV = 1
TA = 25°C
VIC
VO
Figure 21
2.40
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
0
0.2
0.4
0.6
0.8
1
1.4
2.40
2.45
2.50
2.55
2.60
VOLTAGE-FOLLOWER SMALL-SIGNAL
PULSE RESPONSE
t − Time −
µs
VDD = 5 V
VIC = 100 mV
RL = 2 kΩ
CL = 10 pF
AV = 1
TA = 25°C
VO
VIC
1.2
Figure 22
0
1
2
3
4
5
6
7
8
−40 −25 −10 5
20 35 50 65 80 95 110 125
TA − Free-Air Temperature − °C
VDD = 5 V
VDD = 2.7 V
Shutdown = 0 V
AV = 1
VIC = VDD/2
VDD = 3.6 V
SHUTDOWN SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
Figure 23
0
1
2
3
4
5
6
7
8
9
10
11
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
VDD − Supply Voltage − V
Shutdown = 0 V
AV = 1
VIC = VDD/2
SHUTDOWN SUPPLY CURRENT
vs
SUPPLY VOLTAGE
TA = 125°C
TA = 70°C
TA = 25°C
TA = 0°C
TA = −40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com