Electronic Components Datasheet Search
  English  ▼

X  

TLV2632ID Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV2632ID
Description  FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2632ID Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2632ID Datasheet HTML 6Page - Texas Instruments TLV2632ID Datasheet HTML 7Page - Texas Instruments TLV2632ID Datasheet HTML 8Page - Texas Instruments TLV2632ID Datasheet HTML 9Page - Texas Instruments TLV2632ID Datasheet HTML 10Page - Texas Instruments TLV2632ID Datasheet HTML 11Page - Texas Instruments TLV2632ID Datasheet HTML 12Page - Texas Instruments TLV2632ID Datasheet HTML 13Page - Texas Instruments TLV2632ID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TLV2630, TLV2631
TLV2632, TLV2633
TLV2634, TLV2635
SLOS362A − JUNE 2001 − REVISED JANUARY 2005
10
www.ti.com
TYPICAL CHARACTERISTICS
0
1
234
5
SHUTDOWN SUPPLY CURRENT / OUTPUT VOLTAGE
vs
TIME
67
8
9
t − Time −
µs
0.0
1.0
2.0
3.0
4.0
5.0
0.0
0.5
1.0
1.5
2.0
2.5
1.0
0.5
0.0
1.5
SD
IDD(SD)
VO
2.0
VDD = 5 V
AV = 1
RL = 2 kΩ
CL = 10 pF
VIC = VDD/2
TA = 25° C
Figure 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com