Electronic Components Datasheet Search
  English  ▼

X  

TPA3138D2PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3138D2PWPR
Description  10-W, 3.5-V to 14.4-V, Inductor Free, Stereo Class-D Speaker Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3138D2PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TPA3138D2PWPR Datasheet HTML 1Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 2Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 3Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
TPA3138D2
www.ti.com
SLOS993A – MARCH 2018 – REVISED JUNE 2018
Product Folder Links: TPA3138D2
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The voltage slew rate of these pins must be restricted to no more than 10 V/ms. For higher slew rates, use a 100 kΩ resister in series
with the pins.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
AVCC to GND, PVCC to GND
–0.3
20
V
Input current
To any pin except supply pins
10
mA
Interface pin voltage
SD/FAULT to GND(2), GAIN_SEL, MODE_SEL
–0.3
AVCC + 0.3
V
10
V/ms
PLIMIT
-0.3
GVDD + 0.3
V
RINN, RINP, LINN, LINP
–0.3
5.5
V
Minimum load resistance, RL
BTL, (10 V < PVCC < 14.4 V)
4.8
Ω
BTL, (3.5 V < PVCC < 10 V)
3.2
PBTL, (10 V < PVCC < 14.4 V)
2.4
PBTL, (3.5 V < PVCC < 10 V)
1.6
Continuous total power dissipation
See the Thermal
Information Table
Operating Juncation Temperature range
–25
150
°C
Storage temperature range, Tstg
–40
125
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±1000
V
Charged device model (CDM), per JEDEC specification JESD22-C101 (2)
±250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com