Electronic Components Datasheet Search
  English  ▼

X  

TPA3138D2PWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3138D2PWPR
Description  10-W, 3.5-V to 14.4-V, Inductor Free, Stereo Class-D Speaker Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3138D2PWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA3138D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 9Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 10Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 11Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 12Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
f - Frequency - Hz
-120
-100
-80
-60
-40
-20
0
10k
20k
1k
100
20
D010
D010
CH2 to CH1
CH1 to CH2
Two Channel Total Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
D009
D009
PVCC = 13V
PVCC = 14.4 V
Frequency (Hz)
0
-125
4
-75
8
-25
12
25
16
75
20
125
24
175
28
225
32
275
36
325
100
1k
10k
20
20k
D007
D007
Gain
Phase
Two Channel Total Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
D008
D008
PVCC = 13V
PVCC = 14.4 V
Supply Voltage (V)
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
2
4
6
8
10
12
14
16
18
20
10
D019
D019
THD+N=1%
THD+N=10%
Supply Voltage (V)
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
2
4
6
8
10
12
14
16
18
10
D018
D018
THD+N=1%
THD+N=10%
9
TPA3138D2
www.ti.com
SLOS993A – MARCH 2018 – REVISED JUNE 2018
Product Folder Links: TPA3138D2
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
All measurements taken at audio frequency = 1 kHz, closed-loop gain = 26 dB, BD mode, T A= 25°C, AES17 filter using the
TPA3138D2EVM, unless otherwise noted.
AVCC=PVCC = 3.5 V to 15 V, Load = 6 Ω + 47 µH, Low-Idle-
Current 1SPW Mode
Figure 7. Output Power vs Supply Voltage (BTL)
AVCC= PVCC = 3.5 V to 15 V, Load = 8 Ω + 66 µH, Low-Idle-
Current 1SPW Mode
Figure 8. Output Power vs Supply Voltage (BTL)
AVCC= PVCC = 12 V, Load = 6 Ω + 47 µH
Figure 9. Gain and Phase vs Frequency (BTL)
AVCC=PVCC = 12 V, 14.4 V, Load = 6 Ω + 47 µH
Figure 10. Efficiency vs Output Power (BTL)
AVCC=PVCC= 13 V, 14.4 V, Load = 8 Ω + 66 µH
Figure 11. Efficiency vs Output Power (BTL)
AVCC=PVCC = 12 V, 1 W, Load = 6 Ω + 47 µH
Figure 12. Crosstalk vs Frequency (BTL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com