Electronic Components Datasheet Search
  English  ▼

X  

KA358 Datasheet(PDF) 5 Page - ON Semiconductor

Part # KA358
Description  Dual Operat ional Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA358 Datasheet(HTML) 5 Page - ON Semiconductor

  KA358 Datasheet HTML 1Page - ON Semiconductor KA358 Datasheet HTML 2Page - ON Semiconductor KA358 Datasheet HTML 3Page - ON Semiconductor KA358 Datasheet HTML 4Page - ON Semiconductor KA358 Datasheet HTML 5Page - ON Semiconductor KA358 Datasheet HTML 6Page - ON Semiconductor KA358 Datasheet HTML 7Page - ON Semiconductor KA358 Datasheet HTML 8Page - ON Semiconductor KA358 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
KA258/KA258A, KA358/KA358A, KA2904
4
Electrical Characteristics (Continued)
(VCC = 5.0V, VEE = GND, unless otherwise specified)
The following specification apply over the range of -25
°C ≤ TA ≤ +85°C for the KA258; and the 0 °C ≤ TA ≤ +70°C
for the KA358; and the -40
°C ≤ TA ≤ +85°C for the KA2904
Parameter
Symbol
Conditions
KA258
KA358
KA2904
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Input Offset
Voltage
VIO
VCM = 0V to VCC -1.5V
VO(P) = 1.4V, RS = 0Ω
-
-
7.0
-
-
9.0
-
-
10.0
mV
Input Offset
Voltage
Drift
ΔVIO/ΔT RS = 0Ω
-7.0
-
-
7.0
-
-
7.0
-
μV/°C
Input Offset
Current
IIO
-
-
-
100
-
-
150
-
45
200
nA
Input Offset
Current
Drift
ΔIIO/ΔT
-
-
10-
-
10-
-
10
-
pA/
°C
Input Bias
Current
IBIAS
-
-
40
300
-
40
500
-
40
500
nA
Input
Voltage
Range
VI(R)
VCC = 30V
(KA2904,VCC = 26V)
0-
VCC
-2.0
0-
VCC
-2.0
0-
VCC
-2.0
V
Large
Signal
Voltage
Gain
GV
VCC = 15V, RL=2.0kΩ
VO(P) = 1V to 11V
25
-
-
15
-
-
15
-
-
V/mV
Output
Voltage
Swing
VO(H)
VCC = 30V
(VCC = 26V
for KA2904)
RL = 2kΩ
26
-
-
26
-
-
22
-
-
V
RL = 10kΩ 27
28
-
27
28
-
23
24
-
V
VO(L)
VCC = 5V, RL=10kΩ
-
5
20
-
5
20
-
5
20
mV
Output
Current
ISOURCE
VI(+) = 1V, VI(-) = 0V
VCC = 15V, VO(P) = 2V
10
30
-
10
30
-
10
30
-
mA
ISINK
VI(+) = 0V, VI(-) = 1V
VCC = 15V, VO(P) = 2V
58
-
5
9
-
5
9
-
mA
Differential
Input
Voltage
VI(DIFF)
--
-
VCC
--
VCC
--
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com