Electronic Components Datasheet Search
  English  ▼

X  

KA358 Datasheet(PDF) 2 Page - ON Semiconductor

Part # KA358
Description  Dual Operat ional Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA358 Datasheet(HTML) 2 Page - ON Semiconductor

  KA358 Datasheet HTML 1Page - ON Semiconductor KA358 Datasheet HTML 2Page - ON Semiconductor KA358 Datasheet HTML 3Page - ON Semiconductor KA358 Datasheet HTML 4Page - ON Semiconductor KA358 Datasheet HTML 5Page - ON Semiconductor KA358 Datasheet HTML 6Page - ON Semiconductor KA358 Datasheet HTML 7Page - ON Semiconductor KA358 Datasheet HTML 8Page - ON Semiconductor KA358 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.4
Features
•
Internally Frequency Compensated for Unity Gain
•
Large DC Voltage Gain: 100dB
•
Wide Power Supply Range:
KA258/KA258A, KA358/KA358A: 3V ~ 32V (or
±1.5V~ 16V)
KA2904 : 3V~26V (or ±1.5V ~ 13V)
•
Input Common Mode Voltage Range Includes Ground
•
Large Output Voltage Swing: 0V DC to Vcc - 1.5V DC
•
Power Drain Suitable for Battery Operation.
Description
The KA258 series consist of two independent, high gain,
internally frequency compensated operational amplifiers
which were designed specifically to operate from a single
power supply over a wide range of voltage. Operation from
split power supplies is also possible and the low power
supply current drain is independent of the magnitude of the
power supply voltage. Application areas include transducer
amplifier, DC gain blocks and all the conventional OP-AMP
circuits which now can be easily implemented
in single
power supply systems.
8-DIP
8-SOIC
1
1
Internal Block Diagram
-
+
+
-
1
2
3
45
6
7
8
VCC
OUT2
IN2 (-)
IN2 (+)
OUT1
IN1 (-)
IN1 (+)
GND
K A2 5 8 /K A2 5 8 A, K A3 5 8 /K A3 5 8 A,
K A2 9 0 4
Dua l Ope ra t iona l Am plifie r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com