Electronic Components Datasheet Search
  English  ▼

X  

KA358 Datasheet(PDF) 3 Page - ON Semiconductor

Part # KA358
Description  Dual Operat ional Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA358 Datasheet(HTML) 3 Page - ON Semiconductor

  KA358 Datasheet HTML 1Page - ON Semiconductor KA358 Datasheet HTML 2Page - ON Semiconductor KA358 Datasheet HTML 3Page - ON Semiconductor KA358 Datasheet HTML 4Page - ON Semiconductor KA358 Datasheet HTML 5Page - ON Semiconductor KA358 Datasheet HTML 6Page - ON Semiconductor KA358 Datasheet HTML 7Page - ON Semiconductor KA358 Datasheet HTML 8Page - ON Semiconductor KA358 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
KA258/KA258A, KA358/KA358A, KA2904
2
Schematic Diagram
(One section only)
Absolute Maximum Ratings
Parameter
Symbol
KA258/KA258A
KA358/KA358A
KA2904
Unit
Supply Voltage
VCC
±16 or 32
±16 or 32
±13 or 26
V
Differential Input Voltage
VI(DIFF)
32
32
26
V
Input Voltage
VI
-0.3 to +32
-0.3 to +32
-0.3 to +26
V
Output Short Circuit to GND
VCC≤15V, TA = 25°C(One Amp)
-
Continuous
Continuous
Continuous
-
Operating Temperature Range
TOPR
-25 ~ +85
0 ~ +70
-40 ~ +85
°C
Maximum Junction Temperature TJ(MAX)
+150
+150
+150
°C
Storage Temperature Range
TSTG
-65 ~ +150
-65 ~ +150
-65 ~ +150
°C
Q8
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q9
Q10
Q11
Q12
Q14
Q15
Q16
Q18
Q19
Q20
R2
Q21
C1
R1
GND
OUTPUT
IN(+)
IN(-)
VCC
Q13
Q17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com