Electronic Components Datasheet Search
  English  ▼

X  

XRT8020IL Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT8020IL
Description  650 MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8020IL Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT8020IL Datasheet HTML 2Page - Exar Corporation XRT8020IL Datasheet HTML 3Page - Exar Corporation XRT8020IL Datasheet HTML 4Page - Exar Corporation XRT8020IL Datasheet HTML 5Page - Exar Corporation XRT8020IL Datasheet HTML 6Page - Exar Corporation XRT8020IL Datasheet HTML 7Page - Exar Corporation XRT8020IL Datasheet HTML 8Page - Exar Corporation XRT8020IL Datasheet HTML 9Page - Exar Corporation XRT8020IL Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
XRT8020
REV. 1.0.2
650 MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
5
FIGURE 3. LVDS OUTPUT WAVEFORMS AND TEST CIRCUITS
1.0
CALIBRATION
TABLE 1: FREQUENCY SELECTION TABLE
FS0
PIN 10
FS1
PIN 9
CRYSTAL OR CLOCK
FREQUENCY
INTERNAL
CAPACITOR
MULTIPLY
RATIO
OUTPUT
DIVIDE
OUTPUT
FREQUENCY
1
1
78.0 MHz Clock
NA
8x
1
624 MHz
0
1
39.0 MHz
12 pF
16x
1
624 MHz
1
0
19.5 MHz
20 pF
32x
1
624 MHz
0
0
19.5 MHz
20 pF
32x
2
312 MHz
NOTES:
1. Use Parallel Fundamental mode crystal
2. FS0 has an internal 50K
Ω pull-up resistor to VDD
3. FS1 has an internal 50K
Ω pull-down resistor to GND
TABLE 2: POWER-DOWN AND OUTPUT TRI-STATE SELECTION TABLE
PD
PIN 8
OE
PIN 7
STATUS
NOTES:
1
X
Outputs tri-stated and chip Powered-down
1. “X" = Don't care
2. PD and OE have an internal 50K
Ω pull-down resis-
tor to ground.
0
1
Output tri-stated
V
OUT
C
L =5 pF
C
L =5 pF
R
L = 100Ω
OUTP
OUTN
V
OUT
V
CM
OUTP
OUTN
50
Ω
50
Ω
LDVS Levels Test Circuit
LDVS Switching Test Circuit
OUTP
OUTN
T
R
T
F
80%
20%
80%
20%
0V
VCM (Differential)
LDVS Transition Time Waveform
0V (Differential)
VOUT
50%
50%
t
skew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com