Electronic Components Datasheet Search
  English  ▼

X  

XRT8020IL Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT8020IL
Description  650 MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8020IL Datasheet(HTML) 1 Page - Exar Corporation

  XRT8020IL Datasheet HTML 1Page - Exar Corporation XRT8020IL Datasheet HTML 2Page - Exar Corporation XRT8020IL Datasheet HTML 3Page - Exar Corporation XRT8020IL Datasheet HTML 4Page - Exar Corporation XRT8020IL Datasheet HTML 5Page - Exar Corporation XRT8020IL Datasheet HTML 6Page - Exar Corporation XRT8020IL Datasheet HTML 7Page - Exar Corporation XRT8020IL Datasheet HTML 8Page - Exar Corporation XRT8020IL Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
XRT8020
650 MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
NOVEMBER 2003
REV. 1.0.2
DESCRIPTION
The XRT8020 is a monolithic analog phase locked
loop that provides a high frequency LVDS clock out-
put, using a low frequency crystal or reference clock.
It is designed for SONET/SDH and other low jitter ap-
plications.The high performance of the IC provides a
very low jitter LVDS clock output up to 650 MHz, while
operating at 3.3 volts. The XRT8020 has a selectable
8x, 16x or 32x internal multiplier for an external crys-
tal or signal source. The Output Enable pin provides
a true disconnect for the LVDS output. The very com-
pact (4 x 4 mm) low inductance package is ideal for
high frequency operation.
APPLICATIONS
• Gigabit Ethernet
• SONET/SDH
• SPI - 4 Phase 2
• 8x, 16x or 32x Clock Multiplier for Computer and
Telecommunication Systems
FEATURES
• 575 MHz to 675 MHz operating range
• Low Output Jitter: 9ps rms typical at 622 MHz
• On Chip Crystal Oscillator Circuit
• Optimized for 15 to 40 MHz crystals
• Uses parallel fundamental mode crystal
• Selectable 8x, 16x or 32x multiplier
• Selectable
÷ 1or ÷ 2 LVDS output
• LVDS output meets TIA/EIA 644A Specification
(2001)
• 3.3V ±10% Low power CMOS: 80 mW typical
• -40°C to +85°C operating temperature
• Extremely small 16-lead QFN package
FIGURE 1. BLOCK DIAGRAM OF THE XRT8020
O
GND
FS1
OE
AGND
PD
AGND
(Crystal)
FS0
AGND
15-40 MHz
Crystal
XTAL1
XTAL2
Oscillator
Circuit &
Input Buffer
VCO
Calibration Logic
Phase
Detector
Charge
Pump
Loop
Filter
VCO
Selectable
÷÷÷÷ 1or ÷÷÷÷ 2
Divider
LVDS Output
Feedback Divider
÷÷÷÷ 8, 16 or 32
Voltage Reference
&
Bias Generator
R
EXT
10k
Ω
AV
DD
AV
DD
OV
DD
+3.3V
12 - 20 pF
12 - 20 pF
XRT8020
OUTP
OUTN


Similar Part No. - XRT8020IL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000 EXAR-XRT8000 Datasheet
611Kb / 24P
Clock Synchronizer/Adapter for Communications
XRT8000D EXAR-XRT8000D Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000ID EXAR-XRT8000ID Datasheet
611Kb / 24P
Clock Synchronizer/Adapter for Communications
XRT8000IP EXAR-XRT8000IP Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
More results

Similar Description - XRT8020IL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552-01 ICST-ICS552-01 Datasheet
62Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
logo
Exar Corporation
XRT8010 EXAR-XRT8010 Datasheet
256Kb / 13P
312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
logo
Integrated Circuit Syst...
ICS556-01 ICST-ICS556-01 Datasheet
144Kb / 6P
BROADCOM 25 MHZ LVDS CLOCK
Revision 020204
ICS552-01A ICST-ICS552-01A Datasheet
44Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
100 MHz LVDS Clock Generator
logo
QUARTZCOM the communica...
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
logo
Integrated Device Techn...
ICS844N255I IDT-ICS844N255I Datasheet
1Mb / 21P
Six differential LVDS clock outputs
logo
Analog Devices
AD9528 AD-AD9528_18 Datasheet
1Mb / 67P
JESD204B Clock Generator with 14 LVDS/HSTL Outputs
10/2014-Revision 0
logo
Renesas Technology Corp
ICS844625I RENESAS-ICS844625I Datasheet
523Kb / 25P
Crystal-to-LVDS Clock Synthesizer
JUNE 3, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com