Electronic Components Datasheet Search
  English  ▼

X  

2SC5648 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5648
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5648 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5648 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC5648
No.7327-4/6
S パラメータ(エミッタ接地)
VCE=1V, IC=1mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
100
0.975
--4.69
3.271
174.19
0.017
86.57
0.990
--4.46
200
0.967
--9.35
3.226
168.53
0.036
81.15
0.986
--9.02
400
0.944
--18.44
3.180
157.59
0.069
74.00
0.964
--17.39
600
0.914
--27.19
3.053
147.60
0.100
67.62
0.934
--25.54
800
0.878
--35.19
2.941
137.79
0.126
60.48
0.898
--32.90
1000
0.840
--42.88
2.837
128.85
0.150
55.64
0.866
--39.53
1200
0.797
--49.78
2.695
119.89
0.167
50.14
0.829
--45.95
1400
0.749
--56.22
2.538
111.34
0.181
46.03
0.797
--51.01
1600
0.704
--62.19
2.429
103.70
0.195
42.97
0.770
--56.19
1800
0.656
--67.22
2.313
96.49
0.208
40.30
0.748
--60.45
2000
0.615
--71.82
2.198
89.64
0.216
37.18
0.724
--64.71
2200
0.572
--75.76
2.087
82.66
0.227
34.50
0.704
--68.61
2400
0.536
--78.65
1.944
77.11
0.233
30.58
0.680
--71.01
2600
0.505
--81.98
1.883
72.19
0.237
29.99
0.669
--74.54
2800
0.477
--84.06
1.781
66.70
0.242
27.82
0.654
--77.49
3000
0.453
--88.40
1.736
62.72
0.247
27.65
0.644
--80.39
VCE=1V, IC=3mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
100
0.930
--8.16
6.955
171.09
0.019
87.97
0.976
--6.49
200
0.912
--15.84
6.776
162.89
0.034
78.79
0.960
--12.94
400
0.850
--30.47
6.326
147.83
0.066
70.57
0.902
--23.88
600
0.778
--43.47
5.767
134.71
0.089
61.62
0.832
--33.28
800
0.702
--54.35
5.193
123.13
0.105
56.02
0.764
--40.62
1000
0.636
--63.64
4.705
113.55
0.121
52.20
0.710
--46.69
1200
0.572
--71.64
4.243
104.85
0.132
48.88
0.663
--52.32
1400
0.516
--78.53
3.810
97.18
0.142
46.93
0.627
--55.91
1600
0.472
--84.61
3.514
90.29
0.155
45.41
0.601
--59.97
1800
0.427
--89.72
3.229
84.10
0.164
44.67
0.582
--63.36
2000
0.390
--94.47
2.976
78.19
0.172
43.50
0.567
--66.41
2200
0.356
--98.24
2.776
72.34
0.183
42.81
0.551
--69.72
2400
0.326
--101.04
2.544
67.62
0.190
40.68
0.535
--71.51
2600
0.299
--104.46
2.424
63.69
0.198
40.64
0.532
--74.24
2800
0.277
--106.02
2.259
58.71
0.206
39.58
0.524
--76.62
3000
0.262
--110.57
2.171
55.54
0.216
40.40
0.521
--79.45
VCE=1V, IC=5mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
100
0.884
--11.16
9.698
168.46
0.018
83.01
0.960
--8.05
200
0.851
--21.68
9.305
157.96
0.034
75.36
0.931
--15.67
400
0.752
--40.79
8.207
139.84
0.061
66.67
0.839
--27.70
600
0.654
--56.10
7.067
125.31
0.080
59.72
0.747
--36.85
800
0.567
--67.23
6.040
113.95
0.094
55.60
0.672
--43.03
1000
0.502
--77.42
5.290
104.74
0.107
52.31
0.619
--47.70
1200
0.446
--85.68
4.643
96.68
0.116
51.10
0.575
--52.29
1400
0.400
--92.90
4.109
89.46
0.128
50.47
0.549
--55.27
1600
0.362
--99.51
3.714
83.39
0.139
49.89
0.533
--58.50
1800
0.329
--104.08
3.385
77.69
0.148
49.35
0.518
--61.26
2000
0.299
--109.43
3.093
72.46
0.159
49.61
0.514
--64.09
2200
0.271
--114.23
2.873
67.22
0.171
48.46
0.502
--67.17
2400
0.245
--116.70
2.615
62.82
0.179
46.74
0.488
--68.25
2600
0.225
--121.18
2.489
59.17
0.188
46.98
0.493
--71.74
2800
0.206
--123.28
2.309
54.41
0.200
46.50
0.489
--74.12
3000
0.198
--128.83
2.208
51.43
0.210
46.23
0.489
--76.70



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com