Electronic Components Datasheet Search
  English  ▼

X  

2SC5648 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC5648
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5648 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5648 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC5648
No.7327-5/6
S パラメータ(エミッタ接地)
VCE=1V, IC=10mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
100
0.770
--18.08
12.754
163.03
0.018
77.79
0.912
--10.38
200
0.709
--34.04
11.598
148.51
0.032
71.18
0.854
--19.14
400
0.572
--59.63
9.081
126.83
0.054
60.81
0.722
--30.52
600
0.468
--77.64
7.150
112.24
0.066
57.68
0.626
--36.80
800
0.394
--90.16
5.750
101.92
0.078
56.78
0.569
--40.60
1000
0.353
--101.06
4.863
93.51
0.090
56.14
0.536
--43.68
1200
0.317
--109.56
4.179
86.47
0.100
56.36
0.509
--47.34
1400
0.289
--117.32
3.633
80.28
0.111
56.41
0.498
--49.64
1600
0.270
--123.75
3.270
74.80
0.124
55.56
0.494
--53.02
1800
0.249
--128.92
2.948
69.59
0.135
55.52
0.492
--55.55
2000
0.233
--135.17
2.679
64.74
0.145
55.77
0.493
--58.99
2200
0.216
--140.62
2.476
59.73
0.158
53.86
0.487
--62.22
2400
0.197
--143.75
2.260
55.61
0.168
52.78
0.486
--63.78
2600
0.188
--149.14
2.141
52.22
0.180
52.41
0.493
--67.24
2800
0.173
--153.06
1.979
47.73
0.191
52.50
0.491
--70.21
3000
0.173
--157.72
1.894
44.90
0.203
52.48
0.497
--73.38
VCE=3V, IC=1mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
100
0.977
--4.47
3.224
174.24
0.017
85.16
0.991
--4.24
200
0.971
--8.81
3.216
168.73
0.033
80.59
0.988
--8.39
400
0.950
--17.51
3.137
158.22
0.064
75.90
0.967
--16.36
600
0.922
--25.97
3.042
148.15
0.092
67.54
0.938
--24.12
800
0.883
--33.19
2.906
138.53
0.116
61.73
0.900
--31.05
1000
0.850
--40.49
2.821
129.85
0.138
55.94
0.871
--37.23
1200
0.807
--47.17
2.686
121.05
0.156
50.85
0.831
--43.65
1400
0.763
--53.33
2.550
112.56
0.169
46.87
0.797
--48.27
1600
0.715
--59.07
2.437
105.11
0.184
43.90
0.774
--53.09
1800
0.670
--63.45
2.329
97.86
0.194
41.20
0.747
--57.32
2000
0.629
--67.75
2.200
91.13
0.202
37.98
0.725
--61.22
2200
0.585
--71.43
2.097
84.11
0.215
34.96
0.698
--65.16
2400
0.553
--74.17
1.961
78.56
0.218
31.93
0.678
--67.34
2600
0.517
--77.41
1.902
73.61
0.223
30.66
0.663
--70.71
2800
0.491
--79.67
1.785
68.02
0.228
28.72
0.648
--73.43
3000
0.469
--82.84
1.752
64.13
0.233
28.98
0.637
--76.17
VCE=3V, IC=3mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
100
0.937
--7.60
7.066
171.34
0.017
83.63
0.980
--6.04
200
0.920
--14.73
6.972
163.44
0.033
78.33
0.966
--11.95
400
0.862
--28.36
6.503
148.88
0.060
69.17
0.912
--22.38
600
0.793
--40.71
5.974
135.99
0.082
62.44
0.843
--31.26
800
0.716
--50.68
5.355
124.98
0.099
58.00
0.776
--38.23
1000
0.652
--59.69
4.887
115.54
0.115
53.64
0.727
--44.03
1200
0.589
--67.27
4.427
106.66
0.127
50.65
0.676
--49.38
1400
0.532
--73.84
4.000
98.75
0.134
48.50
0.640
--52.99
1600
0.487
--79.43
3.689
92.14
0.148
47.41
0.614
--56.62
1800
0.440
--84.11
3.394
85.80
0.156
46.22
0.592
--59.61
2000
0.404
--88.38
3.127
80.15
0.164
44.94
0.579
--62.95
2200
0.366
--91.86
2.920
74.35
0.176
43.44
0.560
--65.94
2400
0.335
--94.08
2.679
69.62
0.183
41.50
0.537
--67.22
2600
0.308
--96.66
2.555
65.72
0.191
42.23
0.535
--69.99
2800
0.282
--97.90
2.377
60.79
0.197
40.34
0.523
--72.68
3000
0.271
--102.11
2.285
57.61
0.209
40.82
0.518
--74.78



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com