Electronic Components Datasheet Search
  English  ▼

X  

LR1801 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LR1801
Description  1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1801 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button LR1801 Datasheet HTML 3Page - Unisonic Technologies LR1801 Datasheet HTML 4Page - Unisonic Technologies LR1801 Datasheet HTML 5Page - Unisonic Technologies LR1801 Datasheet HTML 6Page - Unisonic Technologies LR1801 Datasheet HTML 7Page - Unisonic Technologies LR1801 Datasheet HTML 8Page - Unisonic Technologies LR1801 Datasheet HTML 9Page - Unisonic Technologies LR1801 Datasheet HTML 10Page - Unisonic Technologies LR1801 Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LR1801
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R502-A03.O
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
7
V
Shutdown Input Voltage
VIN(SHDN)
-0.3 ~ VIN
V
Maximum Operating Current (DC)
1
A
Power Dissipation (Note 3)
PD
Internally Limited
Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-223
165
°C/W
SOT-89
SOT-89-5
185
°C/W
TO-252
115
°C/W
Junction to Ambient
HSOP-8
θJA
143
°C/W
SOT-223
23
°C/W
SOT-89
SOT-89-5
85
°C/W
TO-252
20
°C/W
Junction to Case
HSOP-8
θJC
45
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com