Electronic Components Datasheet Search
  English  ▼

X  

LR1801 Datasheet(PDF) 10 Page - Unisonic Technologies

Part # LR1801
Description  1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1801 Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button LR1801 Datasheet HTML 3Page - Unisonic Technologies LR1801 Datasheet HTML 4Page - Unisonic Technologies LR1801 Datasheet HTML 5Page - Unisonic Technologies LR1801 Datasheet HTML 6Page - Unisonic Technologies LR1801 Datasheet HTML 7Page - Unisonic Technologies LR1801 Datasheet HTML 8Page - Unisonic Technologies LR1801 Datasheet HTML 9Page - Unisonic Technologies LR1801 Datasheet HTML 10Page - Unisonic Technologies LR1801 Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LR1801
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R502-A03.O
TYPICAL APPLICATION CIRCUIT
Fixed Output Voltage
(1) ON/ OFF pins must be pulled high through a 10kΩ pull-up resistor.
(2) Generally a series regulator may cause oscillation, depending on the selection of external parts. The following
conditions are recommended for this IC. However, be sure to perform sufficient evaluation under the actual
usage conditions for selection, including evaluation of temperature characteristics.
Input capacitor (CIN):
2.2μF or more
Output capacitor (CL):
2.2μF or more



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com