Electronic Components Datasheet Search
  English  ▼

X  

LR1801 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LR1801
Description  1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1801 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button LR1801 Datasheet HTML 3Page - Unisonic Technologies LR1801 Datasheet HTML 4Page - Unisonic Technologies LR1801 Datasheet HTML 5Page - Unisonic Technologies LR1801 Datasheet HTML 6Page - Unisonic Technologies LR1801 Datasheet HTML 7Page - Unisonic Technologies LR1801 Datasheet HTML 8Page - Unisonic Technologies LR1801 Datasheet HTML 9Page - Unisonic Technologies LR1801 Datasheet HTML 10Page - Unisonic Technologies LR1801 Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LR1801
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 11
www.unisonic.com.tw
QW-R502-A03.O
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified.)
For LR1801xx
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
1.5
6
V
1.0V≤VOUT(S)<1.5V
VOUT(S)
-
0.015
VOUT(S)
VOUT(S)
+
0.015
V
Output Voltage (Note 3)
VOUT(E)
VIN=VOUT(S)+1V
IOUT=100mA
1.5V≤VOUT(S) ≤3.5V
VOUT(S)
x 0.99
VOUT(S)
VOUT(S)
x 1.01
V
Output Voltage Line
Regulation
△
VOUT1/
(△VIN×VOUT) VOUT(S)+0.5V≤VIN≤5.5V,IOUT=100mA
0.05
0.2
%/V
Output Voltage Load
Regulation
△
VOUT2
VIN=VOUT(S)+1V,1mA≤IOUT≤300mA
-20
-3
20
mV
1.2V≤VOUT(S)<1.5V
0.34
0.38
1.5V≤VOUT(S)<2.6V
0.10
0.15
IOUT=300mA
2.6V≤VOUT(S) ≤5.0V
0.07
0.10
1.2V≤VOUT(S)<1.5V
0.70
1.5V≤VOUT(S)<2.0V
0.40
2.0V≤VOUT(S)<2.6V
0.32
Dropout Voltage(Note 4)
Vdrop
IOUT=1000mA
2.6V≤VOUT(S) ≤5.0V
0.23
V
Output Current(Note 5)
IOUT
VIN≥VOUT(S)+1V
1000
(Note 7)
mA
Ground Pin Current In Normal
Operation Mode
ISS1
VIN=VOUT(S)+1V, ON/ OFF pin=ON, No
Load
60
90
uA
Ground Pin Current In
Power-off Mode
ISS2
VIN=VOUT(S)+1V, ON/ OFF pin=OFF,
No Load
0.1
1.0
uA
Short Circuit Current
ISC
VIN=VOUT(S)+1V, ON/ OFF pin=ON,
VOUT=0V
2
A
ON/ OFF Pin Input Voltage “H”
VSH
1.5
ON/ OFF Pin Input Voltage “L”
VSL
VIN=VOUT(S)+1V, RL=1.0KΩ
Determinied by VOUT output level
0.3
V
ON/ OFF Pin Input Current “H”
ISH
VIN=VOUT(S)+1V, VON/OFF =5.5V
-0.1
0.1
uA
ON/ OFF Pin Input Current “L”
ISL
VIN=VOUT(S)+1V, VON/OFF =0V
-0.1
0.1
uA
1.2V≤VOUT(S)<3.0V
65
3.0V≤VOUT(S) ≤3.5V
60
Ripple Rejection
|RR|
VIN=VOUT(S)+1V,
f=1khz,
△
Vrip=0.5Vrms,
IOUT=100mA
3.5V≤VOUT(S) ≤5.0V
55
dB
Thermal Shutdown detection
temperature
TSD
Junction temperature
150
°C
Thermal Shutdown release
temperature
TSR
Junction temperature
120
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com