Electronic Components Datasheet Search
  English  ▼

X  

MMRF2006N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MMRF2006N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2006N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MMRF2006N Datasheet HTML 3Page - NXP Semiconductors MMRF2006N Datasheet HTML 4Page - NXP Semiconductors MMRF2006N Datasheet HTML 5Page - NXP Semiconductors MMRF2006N Datasheet HTML 6Page - NXP Semiconductors MMRF2006N Datasheet HTML 7Page - NXP Semiconductors MMRF2006N Datasheet HTML 8Page - NXP Semiconductors MMRF2006N Datasheet HTML 9Page - NXP Semiconductors MMRF2006N Datasheet HTML 10Page - NXP Semiconductors MMRF2006N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MMRF2006NT1
7
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS
1
Gps
ACPR
Pout, OUTPUT POWER (WATTS) AVG.
Figure 7. Single--Carrier W--CDMA Power Gain, Power
Added Efficiency and ACPR versus Output Power
--10
--20
23
35
0
60
50
40
30
20
33
31
10
40
10
--60
29
27
25
0
--30
--40
--50
Figure 8. Broadband Frequency Response
0
36
1350
f, FREQUENCY (MHz)
VDD =28 Vdc
Pin =0 dBm
IDQ1 =40 mA
IDQ2 = 230 mA
24
18
12
1550
30
Gain
1750
1950
2150
2350
2550
2750
2950
IRL
--18
0
--3
--6
--9
--12
6--15
PAE
2170 MHz
2110 MHz
2140 MHz
Input Signal PAR = 7.5 dB @
0.01% Probability on CCDF
VDD =28 Vdc,IDQ1 =40 mA, IDQ2 = 230 mA, Single--Carrier
W--CDMA, 3.84 MHz Channel Bandwidth
2110 MHz
2140 MHz
2170 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com