Electronic Components Datasheet Search
  English  ▼

X  

MMRF2006N Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MMRF2006N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2006N Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MMRF2006N Datasheet HTML 9Page - NXP Semiconductors MMRF2006N Datasheet HTML 10Page - NXP Semiconductors MMRF2006N Datasheet HTML 11Page - NXP Semiconductors MMRF2006N Datasheet HTML 12Page - NXP Semiconductors MMRF2006N Datasheet HTML 13Page - NXP Semiconductors MMRF2006N Datasheet HTML 14Page - NXP Semiconductors MMRF2006N Datasheet HTML 15Page - NXP Semiconductors MMRF2006N Datasheet HTML 16Page - NXP Semiconductors MMRF2006N Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MMRF2006NT1
13
RF Device Data
Freescale Semiconductor, Inc.
VDD =28 Vdc,IDQ1 =40 mA, IDQ2 = 230 mA, Pout =2.4 WAvg.
f
MHz
Zin
Zload
1760
46.6 + j14.0
14.4 -- j7.06
1780
54.0 + j15.2
14.0 -- j6.89
1800
62.4 + j14.5
13.6 -- j6.71
1820
70.8 + j11.4
13.2 -- j6.53
1840
78.8 + j5.70
12.9 -- j6.34
1860
85.2 -- j2.64
12.6 -- j6.14
1880
88.8 -- j12.5
12.4 -- j5.94
1900
89.2 -- j22.9
12.1 -- j5.74
1920
86.7 -- j32.6
11.9 -- j5.53
Zin
=
Device input impedance as simulated from
gate to ground.
Zload = Test circuit impedance as simulated from
drain to ground.
Figure 18. Series Equivalent Input and Load Impedance — 1800 MHz
Device
Under Test
Output
Matching
Network
Zin
Zload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com