Electronic Components Datasheet Search
  English  ▼

X  

MMRF2006N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF2006N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2006N Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF2006N Datasheet HTML 1Page - NXP Semiconductors MMRF2006N Datasheet HTML 2Page - NXP Semiconductors MMRF2006N Datasheet HTML 3Page - NXP Semiconductors MMRF2006N Datasheet HTML 4Page - NXP Semiconductors MMRF2006N Datasheet HTML 5Page - NXP Semiconductors MMRF2006N Datasheet HTML 6Page - NXP Semiconductors MMRF2006N Datasheet HTML 7Page - NXP Semiconductors MMRF2006N Datasheet HTML 8Page - NXP Semiconductors MMRF2006N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MMRF2006NT1
1
RF Device Data
Freescale Semiconductor, Inc.
RF LDMOS Wideband Integrated
Power Amplifier
The MMRF2006N wideband integrated circuit is designed with on--chip
matching that makes it usable from 1805 to 2170 MHz. This multi--stage
structure is rated for 26 to 32 V operation and can be used in many RF
amplifier modulation formats.
Driver Application — 2100 MHz
 Typical Single--Carrier W--CDMA Performance: VDD =28 Vdc,IDQ1 =
40 mA, IDQ2 = 230 mA, Pout = 2.4 W Avg., IQ Magnitude Clipping, Channel
Bandwidth = 3.84 MHz, Input Signal PAR = 7.5 dB @ 0.01% Probability on
CCDF.
Frequency
Gps
(dB)
PAE
(%)
Output PAR
(dB)
ACPR
(dBc)
2110 MHz
32.6
16.8
7.7
--51.3
2140 MHz
32.6
17.0
7.6
--51.4
2170 MHz
32.4
17.0
7.5
--51.6
 Capable of Handling 10:1 VSWR @ 32 Vdc, 2140 MHz, Pout =33 W
CW (3 dB Input Overdrive from Rated Pout)
 Typical Pout @ 1 dB Compression Point
≃ 20 W CW
Driver Application — 1800 MHz
 Typical Single--Carrier W--CDMA Performance: VDD =28 Vdc,
IDQ1 =40 mA, IDQ2 = 230 mA, Pout = 2.4 W Avg., IQ Magnitude
Clipping, Channel Bandwidth = 3.84 MHz, Input Signal PAR = 7.5 dB
@ 0.01% Probability on CCDF.
Frequency
Gps
(dB)
PAE
(%)
Output PAR
(dB)
ACPR
(dBc)
1805 MHz
31.8
17.4
7.6
--51.2
1840 MHz
31.8
17.4
7.7
--50.2
1880 MHz
31.8
17.4
7.7
--51.0
Features
 Characterized with Series Equivalent Large--Signal Impedance Parameters and Common Source S--Parameters
 On--Chip Matching (50 Ohm Input, DC Blocked)
 Integrated Quiescent Current Temperature Compensation with Enable/Disable Function (1)
 Integrated ESD Protection
 In Tape and Reel. T1 Suffix = 1,000 Units, 16 mm Tape Width, 13--inch Reel.
Figure 1. Functional Block Diagram
Figure 2. Pin Connections
VGS2
VGS1
1
RFin
Quiescent Current
Temperature Compensation (1)
RFin
RFout/VDS2
VDS1
2
3
4
5
6 7 8 9 10 11 12
18
17
16
15
14
13
24 23 22 21 20 19
GND
GND
NC
RFin
RFout/VDS2
RFout/VDS2
NC
NC
NC
NC
NC
1. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family, and to AN1987, Quiescent Current Control
for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf. Select Documentation/Application Notes -- AN1977 or AN1987.
1805--2170 MHz, 20 W CW, 28 V
RF LDMOS WIDEBAND
INTEGRATED POWER AMPLIFIER
MMRF2006NT1
PQFN 8
 8
PLASTIC
Document Number: MMRF2006N
Rev. 0, 7/2014
Freescale Semiconductor
Technical Data
 Freescale Semiconductor, Inc., 2014. All rights reserved.


Similar Part No. - MMRF2006N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF2004NB NXP-MMRF2004NB Datasheet
804Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 12/2013
MMRF2004NBR1 NXP-MMRF2004NBR1 Datasheet
804Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 12/2013
MMRF2005GN NXP-MMRF2005GN Datasheet
739Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 8/2015
MMRF2005N NXP-MMRF2005N Datasheet
739Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 8/2015
MMRF2007GN NXP-MMRF2007GN Datasheet
403Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
More results

Similar Description - MMRF2006N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
RF LDMOS Wideband Integrated Power Amplifier
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
MHVIC2114R2 FREESCALE-MHVIC2114R2 Datasheet
464Kb / 9P
RF LDMOS Wideband Integrated Power Amplifier
MHVIC2115R2 FREESCALE-MHVIC2115R2 Datasheet
394Kb / 9P
RF LDMOS Wideband Integrated Power Amplifier
MW4IC001MR4 FREESCALE-MW4IC001MR4_06 Datasheet
662Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
MD8IC970NR1 FREESCALE-MD8IC970NR1 Datasheet
407Kb / 14P
RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
MHV5IC2215N NXP-MHV5IC2215N Datasheet
904Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 1/2007
MHVIC915NR2 NXP-MHVIC915NR2 Datasheet
556Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
MW4IC001MR4 NXP-MW4IC001MR4 Datasheet
670Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com