Electronic Components Datasheet Search
  English  ▼

X  

MMRF5017HS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MMRF5017HS
Description  RF Power GaN Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF5017HS Datasheet(HTML) 3 Page - NXP Semiconductors

  MMRF5017HS Datasheet HTML 1Page - NXP Semiconductors MMRF5017HS Datasheet HTML 2Page - NXP Semiconductors MMRF5017HS Datasheet HTML 3Page - NXP Semiconductors MMRF5017HS Datasheet HTML 4Page - NXP Semiconductors MMRF5017HS Datasheet HTML 5Page - NXP Semiconductors MMRF5017HS Datasheet HTML 6Page - NXP Semiconductors MMRF5017HS Datasheet HTML 7Page - NXP Semiconductors MMRF5017HS Datasheet HTML 8Page - NXP Semiconductors MMRF5017HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMRF5017HS
3
RF Device Data
NXP Semiconductors
NOTE: Correct Biasing Sequence for GaN Depletion Mode Transistors
Turning the device ON
1. Set VGS to –5 V
2. Turn on VDS to nominal supply voltage (50 V)
3. Increase VGS until IDS current is attained
4. Apply RF input power to desired level
Turning the device OFF
1. Turn RF power off
2. Reduce VGS downto–5V
3. Reduce VDS down to 0 V (Adequate time must be allowed for VDS to
reduce to 0 V to prevent severe damage to device.)
4. Turn off VGS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com