Electronic Components Datasheet Search
  English  ▼

X  

MMRF5017HS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MMRF5017HS
Description  RF Power GaN Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF5017HS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MMRF5017HS Datasheet HTML 2Page - NXP Semiconductors MMRF5017HS Datasheet HTML 3Page - NXP Semiconductors MMRF5017HS Datasheet HTML 4Page - NXP Semiconductors MMRF5017HS Datasheet HTML 5Page - NXP Semiconductors MMRF5017HS Datasheet HTML 6Page - NXP Semiconductors MMRF5017HS Datasheet HTML 7Page - NXP Semiconductors MMRF5017HS Datasheet HTML 8Page - NXP Semiconductors MMRF5017HS Datasheet HTML 9Page - NXP Semiconductors MMRF5017HS Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
RF Device Data
NXP Semiconductors
MMRF5017HS
30–940 MHz WIDEBAND REFERENCE CIRCUIT
f
MHz
Zsource
Zload
20
39.0 + j23.1
11.3–j5.0
30
59.6 – j3.7
11.0–j3.1
50
28.3 – j28.7
11.1–j1.8
70
15.5 – j22.2
11.2–j1.3
90
11.1–j17.3
11.3–j1.1
136
7.9–j11.3
10.7 – j1.4
174
7.0 – j8.9
10.0 – j0.3
360
6.2 – j5.0
11.9–j0.2
440
6.0 – j4.6
11.9–j0.0
520
5.5 – j4.7
12.3 – j0.1
760
2.5 – j4.0
14.4 – j1.2
850
1.7 – j2.9
16.2 – j3.5
940
1.1 – j1.8
15.9 – j7.9
1000
1.0 – j1.1
13.2 – j10.6
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Figure 6. Wideband Series Equivalent Source and Load Impedance — 30–940 MHz
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
50 
50 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com