Electronic Components Datasheet Search
  English  ▼

X  

CDCM1802 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802
Description  CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1802 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCM1802 Datasheet HTML 2Page - Texas Instruments CDCM1802 Datasheet HTML 3Page - Texas Instruments CDCM1802 Datasheet HTML 4Page - Texas Instruments CDCM1802 Datasheet HTML 5Page - Texas Instruments CDCM1802 Datasheet HTML 6Page - Texas Instruments CDCM1802 Datasheet HTML 7Page - Texas Instruments CDCM1802 Datasheet HTML 8Page - Texas Instruments CDCM1802 Datasheet HTML 9Page - Texas Instruments CDCM1802 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CDCM1802
CLOCK BUFFER WITH PROGRAMMABLE DIVIDER,
LVPECL I/O + ADDITIONAL LVCMOS OUTPUT
SCAS759 − APRIL 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVPECL INPUT-TO-LVPECL OUTPUT PARAMETER
tpd(lh)
Propagation delay rising edge
VOX to VOX
320
600
ps
tpd(hl)
Propagation delay falling edge
VOX to VOX
320
600
ps
tsk(p)
LVPECL pulse skew, See Note B in Figure 8
VOX to VOX
100
ps
NOTES: 1. Is required to maintain ac specifications
2. Is required to maintain device functionality
3. For a 800-MHz signal, the 50-ps error would result into a duty cycle distortion of ±4% when driven by an ideal clock input signal.
LVCMOS OUTPUT PARAMETER, Y1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclk
Output frequency, see Note 4 and
Figure 5
0
200
MHz
tskLVCMOS(o)
Output skew between the LVCMOS
output Y1 and LVPECL output Y0
VOX to VDD/2, See Figure 8
1.6
ns
tsk(pp)
Part-to-part skew
Y1, See Note A in Figure 8
300
ps
VDD = min to max,
IOH = −100 µA
VDD–0.1
VOH
High-level output voltage
VDD = 3 V,
IOH = −6 mA
2.4
V
VOH
High level output voltage
VDD = 3 V,
IOH = −12 mA
2
V
VDD = min to max,
IOL=100 µA
0.1
VOL
Low-level output voltage
VDD = 3 V,
IOL = 6 mA
0.5
V
VOL
Low level output voltage
VDD = 3 V,
IOL = 12 mA
0.8
V
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
−29
mA
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
37
mA
IOZ
High-impedance state output current
VDD = 3.6 V,
VO = VDD or 0 V
±5
µA
CO
Output capacitance
VDD = 3.3 V
2
pF
Load
Expected output loading, see Figure 10
10
pF
tDuty
Output duty cycle distortion, see Note 5 Measured at VDD/2
−150
150
ps
tpd(lh)
Propagation delay rising edge from IN
to Y1
VOX to VDD/2 load, see Figure 10
1.6
2.6
ns
tpd(hl)
Propagation delay falling edge from IN
to Y1
VOX to VDD/2 load, see Figure 10
1.6
2.6
ns
tr
Output rise slew rate
20% to 80% of swing, see Figure 10
1.4
2.3
V/ns
tf
Output fall slew rate
80% to 20% of swing, see Figure 10
1.4
2.3
V/ns
NOTES: 4. Operating the CDCM1802 LVCMOS output above the maximum frequency will not cause a malfunction to the device, but the Y1
output signal swing will not achieve enough signal swing to meet the output specification. Therefore, the CDCM1802 can be operated
at higher frequencies, while the LVCMOS output Y1 becomes unusable.
5. For a 200-MHz signal, the 150-ps error would result in a duty cycle distortion of ±3% when driven by an ideal clock input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com