Electronic Components Datasheet Search
  English  ▼

X  

CDCM1802 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802
Description  CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1802 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCM1802 Datasheet HTML 4Page - Texas Instruments CDCM1802 Datasheet HTML 5Page - Texas Instruments CDCM1802 Datasheet HTML 6Page - Texas Instruments CDCM1802 Datasheet HTML 7Page - Texas Instruments CDCM1802 Datasheet HTML 8Page - Texas Instruments CDCM1802 Datasheet HTML 9Page - Texas Instruments CDCM1802 Datasheet HTML 10Page - Texas Instruments CDCM1802 Datasheet HTML 11Page - Texas Instruments CDCM1802 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CDCM1802
CLOCK BUFFER WITH PROGRAMMABLE DIVIDER,
LVPECL I/O + ADDITIONAL LVCMOS OUTPUT
SCAS759 − APRIL 2004
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
jitter characteristics (continued)
f − Frequency − GHz
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
AMPLITUDE PECL PEAK-TO-PEAK
vs
FREQUENCY
Figure 4
Mode = 1 (Divider: Y0 = 1, Y1 = 1 )
Input Swing = 500 mV
Load = See Figure 11
3.6 V
3.3 V
3 V
2.625 V
2.5 V
2.375 V
Figure 5
f − Frequency − MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
50
100 150 200 250 300 350 400 450 500
AMPLITUDE CMOS PEAK-TO-PEAK
vs
FREQUENCY
Mode = 1 ( divider: Y0 = 1, Y1 = 1 )
Input Swing = 500 mV
3.6 V
3.3 V
3 V
2.625 V
2.5 V
2.375 V
Load = See Figure 10
supply current electrical characteristics over recommended operating free-air temperature range
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDD
Supply current
Full load
All outputs enabled and terminated with 50 Ω to
VDD − 2 V on LVPECL outputs and 10 pF on LVCMOS output,
f = 800 MHz for LVPECL outputs and 200 MHz for LVCMOS,
VDD = 3.3 V
100
mA
No load
Outputs enabled, no output load, f = 800 MHz for LVPECL outputs
and 200 MHz for LVCMOS, VDD = 3.6 V
85
IDDZ
Supply current, 3-state
All outputs 3-state by control logic, f = 0 Hz, VDD = 3.6 V
0.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com