Electronic Components Datasheet Search
  English  ▼

X  

CDCM1802 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802
Description  CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1802 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCM1802 Datasheet HTML 6Page - Texas Instruments CDCM1802 Datasheet HTML 7Page - Texas Instruments CDCM1802 Datasheet HTML 8Page - Texas Instruments CDCM1802 Datasheet HTML 9Page - Texas Instruments CDCM1802 Datasheet HTML 10Page - Texas Instruments CDCM1802 Datasheet HTML 11Page - Texas Instruments CDCM1802 Datasheet HTML 12Page - Texas Instruments CDCM1802 Datasheet HTML 13Page - Texas Instruments CDCM1802 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CDCM1802
CLOCK BUFFER WITH PROGRAMMABLE DIVIDER,
LVPECL I/O + ADDITIONAL LVCMOS OUTPUT
SCAS759 − APRIL 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
control input characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
tsu
Setup time, S0, S1, and EN pin before clock IN
25
ns
th
Hold time, S0, S1, and EN pin after clock IN
0
ns
t(disable)
Time between latching the EN low transition and when all
outputs are disabled (how much time is required until the
outputs turn off)
10
ns
t(enable)
Time between latching the EN low-to-high transition and
when outputs are enabled based on control settings (how
much time passes before the outputs carry valid signals)
1
µs
Rpullup
Internal pullup resistor on S0, S1, and EN input
42
60
78
kΩ
VIH(H)
Three level input high, S0, S1, and EN pin, see Note 1
0.9xVDD
V
VIM(M)
Three level input MID, S0, S1, and EN pin
0.3xVDD
0.7xVDD
V
VIL(L)
Three level low, S0, S1, and EN pin
0.1xVDD
V
IIH
Input current, S0, S1, and EN pin
VI = VDD
−5
µA
IIL
Input current, S0, S1, and EN pin
VI = GND
38
85
µA
NOTES: 1. Leaving this pin floating automatically pulse the logic level high to VDD through an internal pullup resistor of 60 kΩ.
bias voltage VBB over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VBB
Output reference voltage
VDD = 3 V − 3.6 V, IBB = −0.2 mA
VDD − 1.4
VDD − 1.2
V
I − Load − mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
−5
0
5
101520
253035
VDD = 3.3 V
OUTPUT REFERENCE VOLTAGE (VBB)
vs
LOAD
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com