Electronic Components Datasheet Search
  English  ▼

X  

MMRF1005H Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMRF1005H
Description  RF Power Field Effect Transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1005H Datasheet(HTML) 5 Page - NXP Semiconductors

  MMRF1005H Datasheet HTML 1Page - NXP Semiconductors MMRF1005H Datasheet HTML 2Page - NXP Semiconductors MMRF1005H Datasheet HTML 3Page - NXP Semiconductors MMRF1005H Datasheet HTML 4Page - NXP Semiconductors MMRF1005H Datasheet HTML 5Page - NXP Semiconductors MMRF1005H Datasheet HTML 6Page - NXP Semiconductors MMRF1005H Datasheet HTML 7Page - NXP Semiconductors MMRF1005H Datasheet HTML 8Page - NXP Semiconductors MMRF1005H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MMRF1005HR5 MMRF1005HSR5
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — PULSE
50
1
1000
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 3. Capacitance versus Drain--Source Voltage
30
Ciss
100
10
40
Coss
Crss
Measured with 30 mV(rms)ac @ 1 MHz
VGS =0 Vdc
53
60
30
59
58
Pin, INPUT POWER (dBm) PEAK
Figure 4. Output Power versus Input Power
57
37
31
32
33
34
35
Actual
Ideal
P1dB = 54.7 dBm
(293 W)
56
36
VDD =50 Vdc,IDQ = 100 mA, f = 1300 MHz
Pulse Width = 200 sec, Duty Cycle = 10%
P2dB = 55.1 dBm
(326 W)
P3dB = 55.4 dBm
(345 W)
55
54
24
1
0
70
10
22
20
18
60
50
40
30
Pout, OUTPUT POWER (WATTS) PEAK
Figure 5. Power Gain and Drain Efficiency
versus Output Power
21
19
17
500
20
Figure 6. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) PEAK
VDD =50 V
11
25
0
15
25 V
21
35 V
100
200
300
350
400
40 V
30 V
100
10
13
17
VDD =50 Vdc,IDQ = 100 mA, f = 1300 MHz
Pulse Width = 200, sec Duty Cycle = 10%
IDQ = 100 mA, f = 1300 MHz
Pulse Width = 200 sec
Duty Cycle = 10%
23
D
Gps
23
19
50
150
250
45 V
20 V
Figure 7. Efficiency versus Output Power
Pout, OUTPUT POWER (WATTS) PEAK
VDD =50 V
10
70
0
30
25 V
50
35 V
100
200
300
350
400
40 V
30 V
20
40
IDQ = 100 mA, f = 1300 MHz
Pulse Width = 200 sec
Duty Cycle = 10%
60
50
150
250
45 V
20 V
24
3
0
70
100
21
19
18
50
40
30
Pout, OUTPUT POWER (WATTS) PEAK
Figure 8. Power Gain and Drain Efficiency
versus Output Power
20
17
500
25_C
TC =--30_C
85_C
20
Gps
22
23
10
60
10
VDD =50 Vdc
IDQ = 100 mA
f = 1300 MHz
Pulse Width = 200 sec
Duty Cycle = 10%
25_C
85_C
--30_C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com